Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETFV14 Datasheet(PDF) 2 Page - EPCOS

Part # ETFV14
Description  SIOV metal oxide varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV14 Datasheet(HTML) 2 Page - EPCOS

  ETFV14 Datasheet HTML 1Page - EPCOS ETFV14 Datasheet HTML 2Page - EPCOS ETFV14 Datasheet HTML 3Page - EPCOS ETFV14 Datasheet HTML 4Page - EPCOS ETFV14 Datasheet HTML 5Page - EPCOS ETFV14 Datasheet HTML 6Page - EPCOS ETFV14 Datasheet HTML 7Page - EPCOS ETFV14 Datasheet HTML 8Page - EPCOS ETFV14 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Construction
■ Round varistor element, leaded
■ Coating: epoxy resin, flame-retardant to UL 94 V-0
■ Terminals: tinned copper wire, metal compound wire
■ Housing: thermoplastic, flame-retardant to UL 94 V-0
Features
■ Wide operating voltage range 130 … 420 VRMS
■ Self-protected under abnormal overvoltage conditions
■ High-energy AdvanceD series E2
Approvals
■ UL
Applications
■ Air conditioner, refrigerator, TV, etc.
■ Power meter, inverter, telecom equipment, etc.
■ Transient voltage surge suppressors (TVSS)
Delivery mode
■ Bulk (standard)
Typical applications
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
– 40 … + 85
°C
Storage temperature
– 40 … +125
°C
Electric strength
to CECC 42 000
≥2.5
kVRMS
Response time
<25
ns
VAR0602-S-E
Line fuse
D
LED
Line
Neutral
R
To protected device
ThermoFuse
υ
Housed varistors
ThermoFuse varistors, ETFV14 series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com