Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETFV14 Datasheet(PDF) 3 Page - EPCOS

Part # ETFV14
Description  SIOV metal oxide varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV14 Datasheet(HTML) 3 Page - EPCOS

  ETFV14 Datasheet HTML 1Page - EPCOS ETFV14 Datasheet HTML 2Page - EPCOS ETFV14 Datasheet HTML 3Page - EPCOS ETFV14 Datasheet HTML 4Page - EPCOS ETFV14 Datasheet HTML 5Page - EPCOS ETFV14 Datasheet HTML 6Page - EPCOS ETFV14 Datasheet HTML 7Page - EPCOS ETFV14 Datasheet HTML 8Page - EPCOS ETFV14 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
B72214T2131K101
ETFV14K130E2 130
170
6000
50
0.6
B72214T2141K101
ETFV14K140E2 140
180
6000
55
0.6
B72214T2151K101
ETFV14K150E2 150
200
6000
60
0.6
B72214T2171K101
ETFV14K175E2 175
225
6000
70
0.6
B72214T2211K101
ETFV14K210E2 210
270
6000
80
0.6
B72214T2231K101
ETFV14K230E2 230
300
6000
90
0.6
B72214T2251K101
ETFV14K250E2 250
320
6000
100
0.6
B72214T2271K101
ETFV14K275E2 275
350
6000
110
0.6
B72214T2301K101
ETFV14K300E2 300
385
6000
125
0.6
B72214T2321K101
ETFV14K320E2 320
420
6000
136
0.6
B72214T2351K101
ETFV14K350E2 350
460
6000
136
0.6
B72214T2381K101
ETFV14K385E2 385
505
6000
136
0.6
B72214T2421K101
ETFV14K420E2 420
560
6000
136
0.6
Characteristics (TA = 25 °C)
Ordering code
Type
(untaped)
SIOV-
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72214T2131K101
ETFV14K130E2 205
±10
340
50
650
B72214T2141K101
ETFV14K140E2 220
±10
360
50
610
B72214T2151K101
ETFV14K150E2 240
±10
395
50
570
B72214T2171K101
ETFV14K175E2 270
±10
455
50
490
B72214T2211K101
ETFV14K210E2 330
±10
545
50
410
B72214T2231K101
ETFV14K230E2 360
±10
595
50
380
B72214T2251K101
ETFV14K250E2 390
±10
650
50
350
B72214T2271K101
ETFV14K275E2 430
±10
710
50
320
B72214T2301K101
ETFV14K300E2 470
±10
775
50
300
B72214T2321K101
ETFV14K320E2 510
±10
840
50
280
B72214T2351K101
ETFV14K350E2 560
±10
910
50
260
B72214T2381K101
ETFV14K385E2 620
±10
1025
50
240
B72214T2421K101
ETFV14K420E2 680
±10
1120
50
220
ThermoFuse varistors, ETFV14 series
Housed varistors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com