Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20-VMP6TP Datasheet(PDF) 61 Page - Numonyx B.V

Part # M25PE20-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE20-VMP6TP Datasheet(HTML) 61 Page - Numonyx B.V

Back Button M25PE20-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 60Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 61Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 62Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 63Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 64Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
M25PE20, M25PE10
Ordering information
61/64
13
Ordering information
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 75 MHz (0.11 µm, process digit ‘4’), please
contact your nearest Numonyx Sales Office.
Table 29.
Ordering information scheme
Example:
M25PE20
–
V MN 6
T G
Device type
M25PE = Page-erasable serial Flash memory
Device function
10 = 1 Mbit (128 K x 8)
20 = 2 Mbit (256 K x 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MN = SO8N (150 mil width)
MP = VFQFPN8 6 × 5 mm (MLP8)(1)
1.
Package only available for products in the T9HX process.
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
blank = Standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com