Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20-VMP6TP Datasheet(PDF) 63 Page - Numonyx B.V

Part # M25PE20-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE20-VMP6TP Datasheet(HTML) 63 Page - Numonyx B.V

Back Button M25PE20-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 60Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 61Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 62Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 63Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 64Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
M25PE20, M25PE10
Revision history
63/64
30-Jan-2008
4
Removed ‘low voltage’ from the title.
Updated the value for the maximum clock frequency (from 50 to 75 MHz)
through the document.
Added: Table 20: DC characteristics (T9HX (0.11 µm) process), Table 24:
AC characteristics (75 MHz operation, T9HX (0.11 µm) process) and
ECOPACK® text in Section 12: Package mechanical.
Modified: Table 22: AC characteristics (33 MHz operation), Figure 4: Bus
master and memory devices on the SPI bus, and Section 6.3: Read
Identification (RDID).
20-Mar-2008
5
Applied Numonyx branding.
Table 30.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com