Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40-VMP6TP Datasheet(PDF) 47 Page - Numonyx B.V

Part # M25PE40-VMP6TP
Description  4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE40-VMP6TP Datasheet(HTML) 47 Page - Numonyx B.V

Back Button M25PE40-VMP6TP Datasheet HTML 43Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 44Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 45Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 46Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 47Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
M25PE40
DC and AC parameters
47/62
Table 17.
DC characteristics
Symbol
Parameter
Test condition
(in addition to those in Table 14)
Min.
Max.
Unit
ILI
Input Leakage current
± 2
µA
ILO
Output Leakage current
± 2
µA
ICC1
Standby current
(Standby and Reset modes)
S =VCC, VIN =VSS or VCC
50
µA
ICC2
Deep Power-down current
S =VCC, VIN =VSS or VCC
10
µA
ICC3
Operating current
(FAST_READ)
C=0.1VCC/0.9.VCC at 25 MHz, Q = open
6
mA
C=0.1VCC/0.9.VCC at 50 MHz, Q = open
8
mA
ICC4
Operating current (PW)
S =VCC
15
mA
ICC5
Operating current (SE)
S =VCC
15
mA
VIL
Input Low voltage
– 0.5
0.3VCC
V
VIH
Input High voltage
0.7VCC VCC+0.4
V
VOL
Output Low voltage
IOL =1.6 mA
0.4
V
VOH
Output High voltage
IOH = –100 µA
VCC–0.2
V
Table 18.
DC characteristics (75 MHz operation, T9HX (0.11 µm) process)(1)
Symbol
Parameter
Test condition
(in addition to those in Table 14)
Min.
Max.
Unit
ILI
Input Leakage current
± 2
µA
ILO
Output Leakage current
± 2
µA
ICC1
Standby current
(Standby and Reset modes)
S = VCC, VIN = VSS or VCC
50
µA
ICC2
Deep Power-down current
S = VCC, VIN = VSS or VCC
10
µA
ICC3
Operating current
(FAST_READ)
C = 0.1VCC/0.9.VCC at 33 MHz, Q = open
4
mA
C = 0.1VCC/0.9.VCC at 75 MHz, Q = open
12
mA
ICC4
Operating current (PW)
S = VCC
15
mA
ICC5
Operating current (SE)
S = VCC
15
mA
VIL
Input Low voltage
– 0.5
0.3VCC
V
VIH
Input High voltage
0.7VCC VCC+0.4
V
VOL
Output Low voltage
IOL = 1.6 mA
0.4
V
VOH
Output High voltage
IOH = –100 µA
VCC–0.2
V
1.
Delivery of parts operating with a maximum clock rate of 75 MHz starts from week 8 of 2008.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com