Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40-VMP6TP Datasheet(PDF) 60 Page - Numonyx B.V

Part # M25PE40-VMP6TP
Description  4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE40-VMP6TP Datasheet(HTML) 60 Page - Numonyx B.V

Back Button M25PE40-VMP6TP Datasheet HTML 54Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 55Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 60Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 61Page - Numonyx B.V M25PE40-VMP6TP Datasheet HTML 62Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
Revision history
M25PE40
60/62
14
Revision history
Table 29.
Document revision history
Date
Revision
Changes
01-Apr-2004
0.1
Initial release.
09-Nov-2004
1
Write Protect (W) pin replaced by Top Block Lock (TBL).
Section 2.5: Reset (Reset) description modified. JEDEC signature
modified. Reset timings tRLRH, tRHSL and tSHRH removed from
Table 20: AC characteristics (33 MHz operation) and inserted in
Table 21: Reset timings (tRHSL modified). Document status
promoted from target specification to preliminary data.
01-Dec-2004
2
Top Block Lock (TBL) renamed as Top Sector Lock (TSL). Small text
changes. Deep Power-down mode clarified in Section 4.6: Active
Power, Standby Power and Deep Power-down modes.
11-Jan-2005
3
Notes removed from Table 28: Ordering information scheme.
Wording changes. SO16 package removed, SO8 wide package
added.
4-Oct-2005
4
Added Table 20: AC characteristics (33 MHz operation). Document
status promoted from preliminary data to full datasheet. Table 19:
AC characteristics (25 MHz operation) updated. Section 4.2: An
easy way to modify data, Section 4.3: A fast way to modify data,
Section 6.9: Page Write (PW) and Section 6.10: Page Program (PP)
updated to explain optimal use of Page Write and Page Program
instructions. Clock slew rate changed from 0.03 to 0.1 V/ns.
Updated Table 28: Ordering information scheme. Added
ECOPACK® information.
11-Aug 2006
5
Changed document to new template; amended figure in Feature
summary; replaced Figure 4: Bus master and memory devices on
the SPI bus; amended data in Table 19 and Table 20; amended title
of Figure 30: VFQFPN8 (MLP8) 8-lead very thin fine pitch quad flat
package no lead 6 × 5 mm, package outline and added a footnote;
amended name of the MP package in Table 28: Ordering
information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com