Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM193
Description  Low power dual voltage comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193 Datasheet(HTML) 1 Page - STMicroelectronics

  LM193 Datasheet HTML 1Page - STMicroelectronics LM193 Datasheet HTML 2Page - STMicroelectronics LM193 Datasheet HTML 3Page - STMicroelectronics LM193 Datasheet HTML 4Page - STMicroelectronics LM193 Datasheet HTML 5Page - STMicroelectronics LM193 Datasheet HTML 6Page - STMicroelectronics LM193 Datasheet HTML 7Page - STMicroelectronics LM193 Datasheet HTML 8Page - STMicroelectronics LM193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2008
Rev 9
1/15
15
LM193, LM293, LM393
Low power dual voltage comparators
Features
Wide single-supply voltage range or dual
supplies: +2 V to +36 V or ±1 V to ±18 V
Very low supply current (0.4 mA) independent
of supply voltage (1 mW/comparator at +5 V)
Low input bias current: 25 nA typ.
Low input offset current: ±5 nA typ.
Low input offset voltage: ±1 mV typ.
Input common-mode voltage range includes
ground
Low output saturation voltage: 250 mV typ.
(Isink =4mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
These devices consist of two independent low
voltage comparators designed specifically to
operate from a single supply over a wide range of
voltages. Operation from split power supplies is
also possible.
These comparators also have a unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
DIP8
(Plastic package)
SO-8
(Plastic micropackage)
Pin connections (top view)
TSSOP8
(Thin shrink small outline package)
MiniSO-8
(Plastic micropackage)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
www.st.com


Similar Part No. - LM193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193 NSC-LM193 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
Texas Instruments
LM193 TI-LM193 Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM193

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com