Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LM193
Description  Low power dual voltage comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LM193 Datasheet HTML 7Page - STMicroelectronics LM193 Datasheet HTML 8Page - STMicroelectronics LM193 Datasheet HTML 9Page - STMicroelectronics LM193 Datasheet HTML 10Page - STMicroelectronics LM193 Datasheet HTML 11Page - STMicroelectronics LM193 Datasheet HTML 12Page - STMicroelectronics LM193 Datasheet HTML 13Page - STMicroelectronics LM193 Datasheet HTML 14Page - STMicroelectronics LM193 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LM193, LM293, LM393
Ordering information
13/15
6
Ordering information
Table 8.
Order codes
Order code
Temperature range
Package
Packing
Marking
LM193AD
LM193ADT
-55°C, +125°C
SO-8
Tube or
Tape & reel
193A
LM193D
LM193DT
193
LM193AYD(1)
LM193AYDT
SO-8
(Automotive grade)
Tube or
Tape & reel
193AY
LM193YD(1)
LM193YDT
193Y
LM193AN
DIP8
Tube
LM193AN
LM193N
LM193N
LM293AD
LM293ADT
-40°C, +105°C
SO-8
Tube or
Tape & reel
293A
LM293D
LM293DT
293
LM293AYD(1)
LM293AYDT(1)
SO-8
(Automotive grade)
Tube or
Tape & reel
293AY
LM293YD(1)
LM293YDT(1)
293Y
LM293AN
DIP8
Tube
LM293AN
LM293N
LM293N
LM293PT
TSSOP8
Tape & reel
293
LM293ST
MiniSO-8
Tape & reel
K512
LM393AD
LM393ADT
0°C, +70°C
SO-8
Tube or
Tape & reel
393A
LM393D
LM393DT
393
LM393AYD(1)
LM393AYDT(1)
SO-8
(Automotive grade)
Tube or
Tape & reel
393AY
LM393YD(1)
LM393YDT(1)
393Y
LM393AN
DIP8
Tube
LM393AN
LM393N
LM393N
LM393PT
TSSOP8
Tape & reel
393
LM393ST
MiniSO-8
Tape & reel
M393
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com