Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6G Datasheet(PDF) 39 Page - Numonyx B.V

Part # M25P80-VMP6G
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6G Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M25P80-VMP6G Datasheet HTML 35Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 36Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 37Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 38Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 39Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 40Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 41Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 42Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
M25P80
DC and AC parameters
39/52
Table 14.
DC characteristics
Symbol
Parameter
Test condition (in addition
to those in Table 10)
Min.
Max.
Unit
ILI
Input leakage current
± 2
µA
ILO
Output leakage current
± 2
µA
ICC1
Standby current
Grade 6
S = VCC, VIN = VSS or VCC
50
µA
Grade 3
100
ICC2
Deep Power-down current
Grade 6
S = VCC, VIN = VSS or VCC
10
µA
Grade 3
100
ICC3
Operating current (READ)
C = 0.1VCC / 0.9.VCC at
75 MHz, Q = open
12
mA
C = 0.1VCC / 0.9.VCC at
20 MHz, Q = open
4mA
ICC4
Operating current (PP)
S = VCC
15
mA
ICC5
Operating current (WRSR)
S = VCC
15
mA
ICC6
Operating current (SE)
S = VCC
15
mA
ICC7
Operating current (BE)
S = VCC
15
mA
VIL
Input low voltage
–0.5
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.4
V
VOL
Output low voltage
IOL = 1.6 mA
0.4
V
VOH
Output high voltage
IOH = –100 µA
VCC – 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com