Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6G Datasheet(PDF) 49 Page - Numonyx B.V

Part # M25P80-VMP6G
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6G Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M25P80-VMP6G Datasheet HTML 44Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 45Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 46Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 47Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 48Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 49Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 50Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 51Page - Numonyx B.V M25P80-VMP6G Datasheet HTML 52Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
M25P80
Part numbering
49/52
12
Part numbering
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 75 MHz (0.11 µm, process digit “4”), please
contact your nearest Numonyx Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 20.
Ordering information scheme
Example:
M25P80
–
V MW 6
T
P
Device type
M25P = Serial Flash memory for Code Storage
Device function
80 = 8 Mbit (1 Mbit × 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MW = SO8W (208 mils width)
MN = SO8N (150 mils width)(1)
1.
Package only available for products in the T9HX process.
MP = VDFPN8 (MLP8)
Temperature range
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3(2) = Automotive temperature range, –40 to 125 °C.
Device tested with High Reliability Certified Flow.
2.
Grade 3 is available only in devices delivered in SO8N packages.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating technology
P or G = ECOPACK® (RoHs compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com