Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2985_08 Datasheet HTML 3Page - Texas Instruments LP2985_08 Datasheet HTML 4Page - Texas Instruments LP2985_08 Datasheet HTML 5Page - Texas Instruments LP2985_08 Datasheet HTML 6Page - Texas Instruments LP2985_08 Datasheet HTML 7Page - Texas Instruments LP2985_08 Datasheet HTML 8Page - Texas Instruments LP2985_08 Datasheet HTML 9Page - Texas Instruments LP2985_08 Datasheet HTML 10Page - Texas Instruments LP2985_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
−50
−25
0
25
50
75
100
125
150
VO = 3.3 V
Cbyp = 10 nF
150 mA
50 mA
10 mA
1 mA
Temperature −
°C
3.295
3.305
3.315
3.325
3.335
3.345
−50
−25
0
25
50
75
100
125
150
VI = 4.3 V
VO = 3.3 V
Ci = 1 µF
Co = 4.7 µF
IO = 1 mA
Temperature −
°C
−100
100
300
500
700
Time − ms
VI = 16 V
VO = 3.3 V
Ci = 1 µF
Cbyp = 0.01 µF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−500
0
500
1000
1500
2000
Time − ms
VI = 6 V
VO = 3.3 V
Ci = 1 µF
Cbyp = 0.01 µF
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522K – JULY 2004 – REVISED MARCH 2008
CIN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
OUTPUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
SHORT-CIRCUIT CURRENT
SHORT-CIRCUIT CURRENT
vs
vs
TIME
TIME
Figure 3.
Figure 4.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com