Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2985_08 Datasheet HTML 10Page - Texas Instruments LP2985_08 Datasheet HTML 11Page - Texas Instruments LP2985_08 Datasheet HTML 12Page - Texas Instruments LP2985_08 Datasheet HTML 13Page - Texas Instruments LP2985_08 Datasheet HTML 14Page - Texas Instruments LP2985_08 Datasheet HTML 15Page - Texas Instruments LP2985_08 Datasheet HTML 16Page - Texas Instruments LP2985_08 Datasheet HTML 17Page - Texas Instruments LP2985_08 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Capacitors
Input Capacitor (CIN)
Output Capacitor (COUT)
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522K – JULY 2004 – REVISED MARCH 2008
A minimum value of 1
µF (over the entire operating temperature range) is required at the input of the LP2985. In
addition, this input capacitor should be located within 1 cm of the input pin and connected to a clean analog
ground. There are no equivalent series resistance (ESR) requirements for this capacitor, and the capacitance
can be increased without limit.
As an advantage over other regulators, the LP2985 permits the use of low-ESR capacitors at the output,
including ceramic capacitors that can have an ESR as low as 5 m
Ω. Tantalum and film capacitors also can be
used if size and cost are not issues. The output capacitor also should be located within 1 cm of the output pin
and be returned to a clean analog ground.
As with other PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and an
ESR that falls within a certain range.
• Minimum C
OUT: 2.2 µF (can be increased without limit to improve transient response stability margin)
• ESR range: see Figure 28 through Figure 30
Figure 28. 2.2-
µF Stable ESR Range
Figure 29. 4.7-
µF Stable ESR Range
for Output Voltage
≤2.3 V
for Output Voltage
≤2.3 V
Figure 30. 2.2-
µF/3.3-µF Stable ESR Range
for Output Voltage
≥2.5 V
It is critical that both the minimum capacitance and ESR requirement be met over the entire operating
temperature range. Depending on the type of capacitors used, both these parameters can vary significantly with
temperature (see capacitor characteristics).
14
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com