Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908P Datasheet(PDF) 4 Page - Thurlby Thandar Instruments Ltd.

Part # 1908P
Description  1908 and 1908P 5½ digit bench/portable multimeters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908P Datasheet(HTML) 4 Page - Thurlby Thandar Instruments Ltd.

  1908P Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Specifications - 1908 and 1908P
Brochure Part No. 82100-1530 Issue 3
MEASUREMENT PARAMETERS & ACCURACY
Accuracies apply for 1 year 19°C to 25°C. Temperature coefficient outside these limits
is <0.1 x quoted range accuracy per °C.
Scale Length
The scale length is 120,000 counts (unless otherwise stated) giving a maximum
measured value for each range of 119999. Thus for the 100V range the maximum
measured value is 119.999 volts
Accuracies are quoted in terms of a percentage of the measured value plus a number
of least significant digits.
Reading Rate
Varies with measurement parameter. Selectable as 4 readings/second or 20
readings/second for most parameters.
DC Voltage
Range
Accuracy
Resolution
Input Impedance
100mV
0.02% ± 3 digits*
1µV
10.11M
Ω
1000mV
0.02% ± 3 digits
10µV
10.11M
Ω
10V
0.02% ± 3 digits
100µV
10.0M
Ω
100V
0.02% ± 3 digits
1mV
10.1M
Ω
1000V
0.02% ± 3 digits
10mV
10.11M
Ω
* after null
Typical Input
10MW//<1000pF, except for Vdc plus Vac measurement when the
Impedance:
1MW AC attenuator is in parallel with the 10MW DC attenuator.
Maximum Input:
1kV DC or AC peak, any range.
NMR:
>60dB at 50/60Hz.
CMR:
1kW unbalanced CMR is >90dB at DC/50Hz/60Hz.
Recommended max.peak AC + DC voltage while measuring DC voltage
Range
100mV
1000mV
10V
100V
1000V
Max. AC
1.8V
1.8V
18V
180V
1000V
The table shows the maximum peak AC (45Hz-50Hz) plus DC voltage that can be
applied without affecting the accuracy of the DC measurement due to overload
clamping. These values only apply when the DC component does not exceed the range
maximum and the analogue 50/60Hz rejection filter is enabled.
AC Voltage (True RMS)
Range
Accuracy
Resolution
45Hz - 10kHz
10kHz - 30kHz
30kHz - 50kHz
100mV
0.2% ± 150 dig. 1.5% ± 200 dig.
-
1µV
1000mV
0.2% ± 100 dig. 0.5% ± 100 dig.
2% ± 200 dig.
10µV
10V
0.2% ± 100 dig. 0.5% ± 100 dig.
2% ± 200 dig.
100µV
100V
0.2% ± 100 dig. 0.5% ± 100 dig.
2% ± 200 dig.
1mV
750V
0.2% ± 100 dig. 0.5% ± 100 dig.
2% ± 200 dig.
10mV
Accuracy specifications apply for readings between 10,000 and 120,000 counts.
Maximum crest factor = 3 at nominal range maximum.
Input Impedance:
1MW//<1000pF
Maximum Input:
750V rms, 1000V peak; any range.
CMR:
1kW Unbalanced CMR is >60dB at DC/50Hz/60Hz
AC + DC Voltage
Total measurement error will not exceed the sum of the separate AC and DC accuracy
specifications plus 10 digits.
Resistance
2-wire or 4-wire measurement
Range
Accuracy
Resolution
100W
0.05% ± 8 digits
1mW
1000W
0.05% ± 5 digits
10mW
10kW
0.05% ± 5 digits
100mW
100kW
0.05% ± 5 digits
1W
1000kW
0.3% ± 2 digits
10W
10MW
0.3% ± 2 digits
100W
Maximum Input:
1000V DC or AC rms, any range.
Max. O/C Voltage: 3.5V
DC Current
Range
Accuracy
Resolution
10mA
0.05% ± 5 digits
100nA
100mA
0.05% ± 5 digits
1µA
1000mA
0.2% ± 5 digits
10µA
10A (<5A)
0.2% ± 5 digits
100µA
10A (>5A)
0.5% ± 10 digits
100µA
Maximum Input:
mA ranges - 1.6A DC or AC rms, 1000V, fuse protected.
10A range - 10A DC or AC rms, 1000V, fuse protected.
Voltage Burden:
10mA range - <100mV; 100mA, 1A, 10A ranges - <600mV
AC Current (True RMS)
Range
Accuracy (45Hz to 10kHz)
Resolution
10mA
0.35% ± 20 digits
100nA
100mA
0.35% ± 20 digits
1µA
1000mA
0.5% ± 20 digits
10µA
10A (<5A)
0.5% ± 20 digits
100µA
10A (>5A)
1% ± 20 digits
100µA
Accuracy specifications apply for readings between 10,000 and 120,000 counts.
Maximum crest factor = 3 is typically 0.5%.
Maximum Input:
mA ranges - 1.6A DC or AC rms, 1000V, fuse protected.
10A range - 10A DC or AC rms, 1000V, fuse protected.
Voltage Burden:
10mA range - <100mV; 100mA, 1A, 10A ranges - <600mV
AC + DC Current
Total measurement error will not exceed the sum of the separate AC and DC accuracy
specifications plus 10 digits.
Frequency
Range
Accuracy
Resolution
100Hz
0.01% ± 1 digit
0.01Hz
1000Hz
0.01% ± 1 digit
0.1Hz
10kHz
0.01% ± 1 digit
1Hz
100kHz
0.01% ± 1 digit
10Hz
Scale Length:
12,000 counts
Frequency Range:
10Hz to >100kHz
Input sensitivity:
Better than 30mVrms (100mV range);
better than 10% of range for all other Vac and Iac ranges.
Capacitance
Range
Accuracy
Resolution
10nF
2% ± 5 digits
10pF
100nF
2% ± 5 digits
100pF
1µF
2% ± 5 digits
1nF
10µF
2% ± 5 digits
10nF
100µF
5% ± 5 digits
100nF
Scale Length:
1200 counts
Temperature
Linearised measurement for PT100 or PT1000 RTD probes, 2-wire or 4-wire
measurement, display in oC or oF.
RTD
Range
Accuracy
Resolution
PT100
-50 to 400oC
0.05% ± 0.5oC
0.1oC
PT1000
-50 to 400oC
0.05% ± 0.5oC
0.1oC
N. B. Accuracy specifications apply to multimeter only, they do not account for additional probe accuracy
errors.
Continuity and Diode Test
Continuity:
100W range selected; audible tone sounds for impedance <10W.
Diode Test:
Test current approximately 1mA; displays voltages up to 1.2V.
Max. O/C Voltage: 3.5V
Maximum Input:
1000V DC or AC rms, any range.
Designed and built in Europe by:
Thurlby Thandar Instruments Ltd.
Glebe Road, Huntingdon, Cambridgeshire. PE29 7DR United Kingdom
Tel: +44 1480 412451 Fax: +44 1480 450409
Email: info@aimtti.com Web: www.aimtti.com
Technical Specifications - 1908 and 1908P (continued)
Available from:
EXTERNAL REMOTE TRIGGER (TTL/CMOS)
Connection:
Terminal block on rear panel.
Input:
Input to the LED of an opto-isolator through 1kW resistor.
Apply >+3V to trigger remote input. Max. Voltage 10V.
Output:
Opto-isolated open collector output, conducts for 250ms on
completion of input trigger. Max. off-state Voltage: 10V.
On state sink current 2mA (typical).
DISPLAY
Display Type:
High contrast backlit transflective LCD.
Main display 5½ digits 17mm high,
Secondary display 6 digits 10mm high.
Scale Length:
120,000 counts for most measurement parameters
Annunciators:
LCD annunciators for all ranges, functions and program modes.
Overrange:
Displays OFL if input too large for range.
Overflow:
Displays -Or- if calculated result overflows display.
COMPUTING FUNCTIONS
Null (Relative)
Stores current reading and subtracts it from future readings.
W Null:
Additional non-volatile function for nulling test lead resistance.
Hold:
Reading is frozen
T-Hold:
(Touch & Hold) Reading is frozen when stable.
dB:
Displays measurement in dBm relative to 600W or other
user-entered impedance.
AC plus DC:
The RMS value of the AC plus DC parts of the signal is calculated
and displayed.
% Deviation:
Displays % deviation from entered reference value.
Ax+b:
Linear scaling of results, with offset.
Limits:
Reading displayed with HI, LO, or PASS with respect to
user-defined high and low limits.
Min/Max:
Minimum and maximum reading stored.
Power:
Calculates V2/R and displays in Watts with respect to a
user-defined impedance.
VA:
Calculates and displays Volts x Amps.
Data Logger:
Manual or automatic storage of 500 measurements. Storage
interval 1s to 9999s or at the measurement sample rate,
manually from keyboard, or by external triggering.
DIGITAL INTERFACES - 1908
Full digital remote control facilities are available through a USB connection.
USB:
Standard USB 2.0 hardware connection. Host Powered.
DIGITAL INTERFACES - 1908P
Full digital remote control facilities are available through the RS232, LAN, USB and GPIB
interfaces.(AC line power is required for RS232, LAN and GPIB interfaces.)
RS232:
Standard 9-pin D-connector. Baud rate 9600.
USB:
Standard USB 2.0 hardware connection. Host powered.
LAN:
Ethernet 100/10base-T hardware connection.
LXI Conformance: 1.4 LXI Core 2011.
GPIB (optional):
Conforms with IEEE488.1 and IEEE488.2.
Remote Command
Processing Time:
Typically <100ms.
SOFTWARE SUPPLIED
IVI Driver:
An IVI driver for Windows is supplied.
LV/CVI Driver:
Full installation for CVI and LabVIEW instrument drivers.
USB Driver:
An installation file is supplied calling a standard Windows*
USB driver.
POWER REQUIREMENTS
AC Input:
220V-240V or 110-120V AC ±10%, 50/60Hz, by internal
adjustment; 20VA max. Installation Category II.
Batteries:
Internal rechargeable Nickel Metal Hydride
Battery Life:
> 20 hours with the backlight enabled. Battery life can be
increased to > 35 hours with the backlight disabled.
GENERAL
Operating Range:
+5°C to + 40°C, 20% to 80% RH
Storage Range:
-20°C to + 60°C
Environmental:
Indoor use at altitudes up to 2000m, Pollution Degree 2.
Safety and EMC:
Complies with EN61010-1, EN61010-2-030, EN61010-2-033 &
EN61326-1. For details, request the EU Declaration of Conformity
for this instrument via http://www.aimtti.com/support
(serial no. needed)
Security:
Kensington security slot incorporated.
Size:
250(W) x 97(H) x 295(D)mm in bench-top configuration
213.5(W) x 86.5(H) x 269(D)mm (2U/ ½ - rack) in rack mount
format.
Weight:
3.2kg.
Thurlby Thandar Instruments Ltd. operates a policy of continuous development and reserves the right to
alter specifications without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com