Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908P Datasheet(PDF) 1 Page - Thurlby Thandar Instruments Ltd.

Part # 1908P
Description  1908 and 1908P 5½ digit bench/portable multimeters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908P Datasheet(HTML) 1 Page - Thurlby Thandar Instruments Ltd.

  1908P Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908P Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AIM && THURLBY THANDAR INSTRUMENTS
5½ digit high performance bench/portable multimeter
1908 | 1908P
High accuracy and resolution: 0.02%, 1μV, 1mW, 100nA, 0.01Hz, 10pF
Internal rechargeable batteries for true portability
Dual display and dual measurement capability
Frequency, capacitance and temperature measurements
Wide range of maths and data logging functions
aimtti.com
aimtti.us
USB, RS232, GPIB* and LAN (LXI) interfaces


Similar Part No. - 1908P

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1908 WELWYN-1908 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1908 TTELEC-1908 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
1908 TTELEC-1908 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
3M Electronics
1908 3M-1908 Datasheet
505Kb / 4P
3M??Novec??1908 Electronic Grade Coating
logo
TT Electronics.
1908 TTELEC-1908 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
More results

Similar Description - 1908P

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-4065 NI-PXI-4065 Datasheet
427Kb / 6P
Low-Cost 6 1⁄2-Digit Multimeters
NI4050 NI-NI4050 Datasheet
110Kb / 4P
51?? Digit Multimeters
NI4070 NI-NI4070 Datasheet
320Kb / 4P
61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
logo
Keysight Technologies
U3401A KEYSIGHT-U3401A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
U3402A KEYSIGHT-U3402A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
M9182A KEYSIGHT-M9182A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
M9183A KEYSIGHT-M9183A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
34410A KEYSIGHT-34410A Datasheet
485Kb / 8P
34410A and 34411A Multimeters
logo
TEKTRONIX, INC.
DMM6500 TEKTRONIX-DMM6500 Datasheet
1Mb / 24P
DMM6500 6쩍-Digit Bench/System Digital Multimeter
logo
B&K Precision Corporati...
2831E BK-2831E Datasheet
2Mb / 5P
True RMS Bench Multimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com