Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 3 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  1908 and 1908P 5½ digit bench/portable multimeters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 3 Page - Thurlby Thandar Instruments Ltd.

  1908 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Graphical Interface for PC
Remote Interfaces
1908P - comprehensive bus interfaces
To meet a wider variety of system needs, the 1908P adds a
comprehensive array of digital bus interfaces. USB, RS-232
and LAN (Ethernet) with LXI support are all included. GPIB
can be added as an option.
(Note that operation of the GPIB, RS232 and LAN interfaces
require the meter to be powered from an AC line.)
The GPIB interface is compliant with
IEEE-488.1 and IEEE-488.2. GPIB
remains a widely used interface for
system applications.
An RS-232/RS-423 interface is provided
for use with legacy systems. This type
of serial interface remains in common
useage and is perfectly satisfactory for
lower speed applications.
USB provides a simple and convenient
means of connection to a PC and
is particularly appropriate for small
system use. A USB driver is provided
which supports Windows 2000 and
above including Win 8 and 10.
The LAN interface uses a standard
10/100 base-T Ethernet hardware
connection with ICMP and TCP/IP
Protocol for connection to a Local Area
Network or direct connection to a
single PC. This interface supports LXI
and is highly appropriate for system
use because of its scalable nature and
low cost interconnection.
The LAN interface is LXI compliant.
LXI (LAN eXtensions for
Instrumentation) is the next-generation,
LAN-based modular architecture
standard for automated test systems
managed by the LXI Consortium, and
is expected to become the successor to
GPIB in many systems.
For more information on LXI and how it replaces GPIB, or
operates along side it, go to: www.aimtti.com/go/lxi
IVI Driver
An IVI driver for Windows* is included. This provides support
for common high-level applications such as LabView*,
LabWindows*, and Keysight VEE*.
* LabView and LabWindows are trademarks of National Instruments.
Keysight VEE is a trademark of Keysight Technologies.
Windows is a trademark of Microsoft.
Percentage deviation ( %)
This function enables the meter to display the percentage amount by
which the reading differs from a nominal value chosen by the user.
It is invaluable for measuring tolerance or stability.
Min-Max storage
The Min-Max function stores the highest and lowest values of a set
of readings.
This facility has many uses such as checking for power supply glitches
and recording peak temperature excursions.
Power measurement in Watts or VA
In addition to dBs, power can be measured in Watts or VA.
For resistive loads the Watts function calculates V2/R for any load
resistance between 1W and 10kW, a particularly useful function for
audio measurements.
The VA function makes use of the dual measurement capability and
displays the product of voltage and current.
1908 - USB interface
The 1908 incorporates a USB interface for remote control
and readback.
The interface is powered from the controlling device enabling
the meter to operate from batteries without additional
power drain.
Safety | Calibration
Comprehensive safety protection
The meters incorporate extensive protection against damage from
accidental overloads on all ranges including 10 Amps.
They also meet the stringent safety requirements of EN61010-1 2010
and EN61010-2-030 2010 for measurements up to 300v (Cat. III),
600V (Cat. II) or 100Vdc/750Vac (for circuits isolated from AC line)
Kensington Security Slot
A Kensington® security slot is incorporatedinto the
rear panel.
This enables the instrument to be secured using the
widely used Kensington cable system.
Closed case calibration
The meter stores its calibration constants in protected memory and
can be recalibrated without ever opening the case.
Both the 1908 and 1908P are supplied with a Windows* based application
called “1908-PC Link” that provides a graphical user interface (GUI) for
remote control of the meter from a PC.
Connection can be via USB, RS-232, or LAN (Ethernet).
The application provides remote access to the instrument using a point-
and-click interface arranged similarly to the actual instrument.
Measurement function can be selected for both the main and secondary
displays, along with measurement range. The display includes an analog
bar-graph with minimum and maximum reading markers.
A logger function enables both measurements to be recorded at set time
intervals and displayed in both graphical and tabular views. The logged
data can be exported to a CSV file.
The application also provides a means of downloading the contents of the
internal logger of the meter itself, and exporting it to a CSV file.
1908 rear panel
(Protective buffer removed) GPIB optional.
Automatic data logging
The 1908 can store up to 500 readings at any required time interval
from 1 reading per second up to 1 reading every 3 hours.
A simple recall sequence allows the readings to be scrolled onto the
display whenever required. Alternatively results can be downloaded
using the remote interfaces.
As a result, tedious time related measurement sequences can be
handled automatically without disrupting your work.
Manual storage of readings is also available, eliminating the need for
paper and pencil when making a series of measurements.
Storage can also be triggered from an opto-isolated external trigger
input, or from the digital interfaces.
External Triggering
An external trigger connector is provided on the rear panel.
This provides for external triggering of measurement hold or
measurement log.
An opto-isolated open collector output is available for
synchronisation with the measurement update.
Capabilities in detail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com