Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 2 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  1908 and 1908P 5½ digit bench/portable multimeters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 2 Page - Thurlby Thandar Instruments Ltd.

  1908 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1908 and 1908P 5½ digit bench/portable multimeters
Internal rechargeable batteries
for ‘use anywhere’ versatility
Unlike most high performance bench multimeters, the 1908 and
1908P can operate without AC power whenever required.
The batteries are charged from the internal power supply and
can give up to 35 hours of operation.
This enables the meter to be used in locations where no AC line
power is available, or moved around multiple room locations
without the nuisance of having to find a power socket.
When precision measurements are needed, handheld portable
multimeters may not be up to the task. The 1908/1908P
not only offers fully portable precision, but also built-in data
logging for remote locations.
Key Features
f
Dual display and dual measurement capability
f
Internal rechargeable batteries for true portability
f
High accuracy and resolution: 0.02%, 1nA, 1mW, 100nA
f
Frequency, capacitance and temperature measurements
f
Wide range of maths and data logging functions
f
2 or 4 terminal ohms measurement
f
Wide true RMS AC; AC + DC measurements
f
Software for remote control and logging included
f
USB, RS232, GPIB* and LAN (LXI) interfaces**
** RS232, GPIB and LAN interfaces on 1908P only.* GPIB optional.
Two models - 1908 and 1908P
The 1908 multimeter incorporates a USB interface for remote control and
readback.
The 1908P incorporates USB, RS232 and LXI compliant LAN interfaces
making it suitable for a wider range of system applications. GPIB can be
added as an option.
Both models can operate from either AC-line power or internal batteries, but
the 1908P requires AC-line power when using the remote interfaces.*
*USB does not require AC line power on either model
Dual display and dual measurement system
The 1908 has both a main display and a secondary display. The two displays
can be used for a variety of purposes:
z
To display a measurement together with the selected range (e.g. 100 Vdc).
z
To display a measurement in two different units (e.g. ac volts and dBm).
z
To display the result of a calculated function (e.g. value and % deviation).
z
To measure and display two parameters of one signal (e.g. ac and dc volts).
z
To measure and display two different signals (e.g. ac volts and dc current).
Capabilities in detail
affordable, portable precision
Dual measurement/display combinations
Primary Display
Secondary Display Choices
DCV
ACV
DCI*
ACI*
ACV
DCV
ACI*
DCI*
Hz
ACV +DCV
ACV
DCV
Hz
DCI
ACI
DCV*
ACV*
ACI
DCI
ACV*
DCV*
Hz
ACI + DCI
ACI
DCI
Hz
dB
ACV
DCV
Hz
ACI*
DCI*
* requires multi-lead connection
Automatic or Manual ranging
Quick response auto-ranging is provided for all measurement
parameters ensuring the best possible resolution at all times.
Alternatively manual ranging can be selected. The secondary display
can show the range value, giving greater clarity.
Wideband True RMS AC
True RMS AC gives accurate measurements regardless of the
waveform shape.
The wide bandwidth attenuator provides high accuracy within the
audio band and gives extended response to avoid errors when
measuring switching waveforms.
Measurements are normally AC coupled but, when required, the true
RMS value of the AC plus DC components can be shown.
Frequency & Capacitance
High accuracy frequency measurement (better than 0.01%) is
available from 10Hz to 120kHz. A reciprocal counting technique is
used to give up to 0.01Hz resolution and fast update.
Capacitance measurement is also built-in with five ranges up to 120μF.
Temperature Measurement
Linearised measurement is incorporated for PT100 and PT1000
platinum resistance temperature detectors (RTDs). It can use either a
2 wire or 4 wire connection and can be displayed in °C or °F.
Smart functions for added power
Linear scaling with offset
This function enables a reading to be multiplied by a scale factor (A)
and for an offset (b) to be added or subtracted.
This means, for example, that the electrical output of a transducer
can be scaled to give a direct readout of the physical parameter e.g.
temperature or weight.
It is particularly useful with 4-20mA current loops.
dB measurements
AC voltages can be displayed in dB as well as voltage. Built-in zero
reference scaling enables voltages to be displayed in dBm relative to
a choice of impedance from 50W up to 8kW.
The voltage can be displayed simultaneously in the secondary display.
Limits comparison
This function enables the reading to be tested against high and
low limits set by the user. The display then shows HI, LO or PASS in
addition to the measurement result.
NOTE: the display illustrations on this page are actual size when printed at A4.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com