Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button AT25DF256_V01 Datasheet HTML 29Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 30Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 31Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 32Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 33Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 34Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 35Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 36Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 33
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
12.7 Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a
program or erase cycle. Thus, if an erase cycle is in progress, asserting the HOLD pin does not pause the
operation, and the erase cycle continues until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting
the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold
mode won’t be started until the beginning of the next SCK low pulse. The device remains in the Hold mode as long
as the HOLD pin and CS pin are asserted.
While in the Hold mode, the SO pin is in a high-impedance state. Also, both the SI pin and the SCK pin are
ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low
pulse. If the HOLD pin is deasserted during the SCK high pulse, then the Hold mode does not end until the
beginning of the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that was started is stopped,
and the device resets the WEL bit in the Status Register to the logical 0 state.
Figure 28. Hold Mode
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com