Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT25DF256_V01 Datasheet HTML 20Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 21Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 22Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 23Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 24Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 25Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 26Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 27Page - Renesas Technology Corp AT25DF256_V01 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 24
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
11.1.7
RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the Logical 0 state (the
default state after power-up), the Reset command is disabled and any attempts to reset the device using the
Reset command are ignored. When the RSTE bit is in the Logical 1 state, the Reset command is enabled.
The RSTE bit retains its state as long as power is applied to the device. Once set to the Logical 1 state, the RSTE
bit remains in that state until it is modified using the Write Status Register Byte 2 command or until the device has
been power cycled. The Reset command itself does not change the state of the RSTE bit.
1. Only bits 4 and 3 of Status Register Byte 2 are modified when using the Write Status Register Byte 2 command.
2. R/W = Readable and Writeable; R = Readable only.
Figure 18. Read Status Register
Table 7. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
RES
Reserved for future use
R
0
Reserved for future use
2
RES
Reserved for future use
R
0
Reserved for future use
1
RES
Reserved for future use
R
0
Reserved for future use
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
STATUS REGISTER BYTE1
STATUS REGISTER BYTE2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com