Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFAT Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # AT25DF021A-DWFAT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFAT Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFAT Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 49Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 50Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 51Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 52Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 49
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
14.2 Input Test Waveforms and Measurement Levels
14.3 Output Test Load
AC
Driving
Levels
AC
Measurement
Level
0.1VCC
VCC/2
0.9VCC
tR, tF < 2ns (10% to 90%)
Device
Under
Test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com