Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFAT Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25DF021A-DWFAT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFAT Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFAT Datasheet HTML 9Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 10Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 11Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 12Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 13Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 14Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 15Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 16Page - Renesas Technology Corp AT25DF021A-DWFAT Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 13
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
Miscellaneous Commands
Reset
F0h
1111 0000
Up to 104 MHz
0
0
1(D0h)
Read Manufacturer and Device ID
9Fh
1001 1111
Up to 104 MHz
0
0
1 to 4
Deep Power-Down
B9h
1011 1001
Up to 104 MHz
0
0
0
Resume from Deep Power-Down
ABh
1010 1011
Up to 104 MHz
0
0
0
Ultra Deep Power-Down
79h
0111 1001
Up to 104 MHz
0
0
0
1. Varies by voltage range. See “AC Characteristics - Maximum Clock Frequencies (-40°C to +125°C)” on page 45
2. Three address bytes are required for the first operation to designate the address to start programming. Afterwards, the internal address
counter automatically increments, so subsequent Sequential Program Mode operations only require clocking in of the opcode and the
data byte until the Sequential Program Mode has been exited.
Table 2. Command Listing (Continued)
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com