Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MM2000
Description  TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MM2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KHA02 Air Probe
This probe is ideal for the temperature testing of heating and ventilation work.
Construction
Air probe with exposed thermocouple sensor protected by a perforated stainless steel sheath.
Insulated in ceramic sheaths.
Sensor stem is 4mm diameter and 110mm long, the sensor is approx 5mm from the stem end.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: –30 TO 50 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -100 TO 750 °C
Velcro Probe
Description
This probe uses a VELCRO strip to hold a temperature sensor against a pipe to measure the
temperature of the pipe.
Construction
The Velcro probe is fitted with a fine wire thermocouple mounted on a Velcro strip. The probe
is fitted with 1M of straight PTFE cable, complete with moulded miniature plug.
Sensor Features
 TOUGH PTFE CABLE
 HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 70 °C
 TIME RESPONSE (96% of value in water)
: 1.0 Secs
 MEASUREMENT RANGE
: -50 TO 150 °C
KH01 Handle
This handle is used in conjunction with the range of plug mounted probes offered by TME.
The socket in the end of the handle allows for the plug mounted probes to be inserted into the
handle. This means that a variety of temperature measurements may be performed using the
socket in the handle and different plug mounted probes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com