Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2000
Description  TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
Description
Comprising of three plug mounted probes, which can be plugged directly into a handheld
thermometer, a Velcro probe and a handle, which enables the user to convert the plug mounted
probes into standard length probes. This kit provides all the probes in commonly used within the
heating and ventilation industry, for both installation and servicing engineers.
All Plug Mounted Probes:
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This probe is manufactured using a two stage moulding technique. Firstly the probes are encased in tough
nylon, then a thermoplastic over moulding is applied. This gives an extremely robust and durable
construction with the added benefit that the assembly is waterproof.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
KHS01 Surface Probe
The probe is designed for the measurement of surface temperatures giving a fast response
time.
NOTE:
This probe only requires light pressure to give a true reading and is suitable for smooth, clean surfaces.
If used on an uneven surface, there is a risk that the band will be weakened and deformed.
Construction
Ribbon band sensor with thermocouple sensor attached and draught shield: Stainless Steel 316
(Food Grade) 4mm diameter stem 100mm long.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
 TIME RESPONSE (96% of value on clean metal)
: 0.1 Secs
 MEASUREMENT RANGE
: -100 TO 250 °C
KHM01 General Purpose Probe
This probe is ideal for the temperature measurement of liquids.
Construction
3.0mm diameter by 100mm long minerally insulated plug mounted probe.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
 TIME RESPONSE (96% of value in water)
: 2.0 Secs
 MEASUREMENT RANGE
: -100 TO 750 °C


Similar Part No. - MM2000

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2000 TM-MM2000 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
More results

Similar Description - MM2000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
40180 EXTECH-40180 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Bud Industries, Inc.
NBX-10910 BUD-NBX-10910 Datasheet
42Kb / 1P
AIR AND MOISTURE VENT
logo
3M Electronics
5432-0 3M-5432-0 Datasheet
20Kb / 1P
Do-It Yourself Test Probe and Kit
09-Jun-1999
5432-2 3M-5432-2 Datasheet
22Kb / 2P
Do-It Yourself Test Probe and Kit
09-Jun-1999
logo
Extech Instruments Corp...
40180 EXTECH-40180_15 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Hubbell Incorporated.
C3090032 HUBBELL-C3090032 Datasheet
372Kb / 1P
Anchor, Tool, Earth Probe Kit
logo
Amphenol LTW
VENT-PRINBK-08001 LTW-VENT-PRINBK-08001 Datasheet
210Kb / 1P
VENT, RECTANGULAR, PIERCING TYPE
2023-01-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com