Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9110 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9110
Description  Time Electronics Ltd. [TIME-ELECTRONICS]^2907
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9110 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9110 Datasheet HTML 1Page - Time Electronics Ltd. 9110 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1030 MicroCal Voltage & Current Source
Time Electronics
Calibration, Test & Measurement
 10mV, 100mV, 1V ranges
 10mA, 100mA ranges
 0.1% accuracy
 0 - 8V available
 Precision 10-turn dial
 Battery Powered 9V PP3
 Battery level indicator
The 1030 is a compact, low cost, portable voltage and current calibrator for general purpose
signal injection. It is suitable for voltage and current loop signal simulation as well as
thermocouple simulation. The precision 10-turn dial provides a conventional feel to setting
the output with a setting resolution of 1 part in a 1000 (0.1%)
Three voltage ranges give an adjustable output from 10uV to 1V and two current ranges for
10uA to 100mA.
An additional 0 to 8V output can be obtained by using a precision 1Kohm resistor that is
supplied with the unit. The resistor is connected across the output terminals and the 10mA
current range selected. This allows the output to be set between 0 and +/- 8V with a 10mV
resolution and an accuracy of 0.3% of full scale.
The 1030 is simple to operate and does not require any standardisation prior to use. The
operator needs only to switch on, check the battery condition, and set the required range and
output value.
The 1030 is supplied with a leatherette carry case.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
V1b 20/06/08


Similar Part No. - 9110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9110 ETC1-9110 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9110 ETC2-9110 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
B&K Precision Corporati...
9110 BK-9110 Datasheet
726Kb / 1P
Multi-Range 60 V DC Power Supplies
logo
Heyco.
9110 HEYCO-9110 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Sensata Technologies, I...
9110 SENSATA-9110 Datasheet
130Kb / 2P
MEASURING WHEEL
Rev:08/21/18
More results

Similar Description - 9110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDF16 ETC2-MDF16 Datasheet
17Kb / 1P
ROXBURGH ELECTRONICS LTD
logo
Pran Electronics Pvt. L...
601S2_043 PRAN-601S2_043 Datasheet
273Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD3560 PRAN-SMD3560_04 Datasheet
300Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD4545 PRAN-SMD4545_02 Datasheet
310Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD4545 PRAN-SMD4545_04 Datasheet
256Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD5252_05DP PRAN-SMD5252_05DP Datasheet
325Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD5252_07DP PRAN-SMD5252_07DP Datasheet
371Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_04 Datasheet
318Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_06 Datasheet
330Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_18 Datasheet
251Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com