Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9110 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9110
Description  Time Electronics Ltd. [TIME-ELECTRONICS]^2907
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9110 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9110 Datasheet HTML 1Page - Time Electronics Ltd. 9110 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1030 Technical Specifications
Voltage Ranges:
0 – 1V (1mV resolution)
0 – 100mV (100uV resolution)
0 – 10mV (10uV resolution)
0 – 8V (10mV resolution), using external precision 1Kohm resistor (included)
Current Ranges:
0 – 100mA (100uA resolution), 0 – 10mA (10uA resolution)
Accuracy:
Voltage:
10mV: 0.2% of full scale
100mV: 0.1% of full scale
1V: 0.1% of full scale
8V: 0.3% of full scale (using 1Kohm resistor & current o/p)
Current:
10mA: 0.2% of full scale
100mA: 0.2% of full scale
Linearity:
0.15%
Temperature Coefficient:
150ppm per °C
Noise:
30ppm of full scale (1V range)
Battery:
PP3 size, 9V. Approx 60 hours life. An optional alternative power source is a
NiCad or Ni-Mh rechargeable cell of the same type. This can be recharged
via the socket on the top of the unit without removing the cell from the unit.
Battery Condition:
Monitored by front panel indicator.
Output Polarity:
Positive or negative, switch selected. A centre ‘off ‘ position is also provided.
Maximum o/p Current:
1V, 100mV ranges: 20mA, 10mV, 8V ranges: Limited by output resistance.
Maximum o/p Voltage:
8V (current ranges)
Output Resistance:
0.2ohms on 1V and 100mV range
10ohms on 10mV range, 1Kohm on 8V range
Maximum Overload:
The 1030 can withstand continuous open circuit or short circuit on all ranges.
General Specification
Dimensions:
115mm x 62mm x 55mm. Complete with zip pouch carrying case
Weight:
0.5kg
Optional Extras:
Rechargeable Battery Pack: A mains re-charger and NiCad rechargeable
battery are available. The battery can be recharged without being removed.
Calibration Certificate traceable to NPL
UKAS Calibration Certificate
Ordering Information
Code
Description
1030
MicroCal (Combined Voltage and Current Source)
1031
Rechargeable Battery Pack (NiCad Battery and 240V Mains Charger)
1032
Rechargeable Battery Pack (NiCad Battery and 110V Mains Charger)
9155
Factory (NPL Traceable) Calibration Certificate
9110
UKAS Calibration Certificate (ISO 17025)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
V1b 20/06/08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com