Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9133 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9133
Description  1044 Voltage and Current Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9133 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9133 Datasheet HTML 1Page - Time Electronics Ltd. 9133 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
1044 Voltage and Current Calibrator
Time Electronics
Calibration, Test & Measurement
V1b 27/03/09
Source and Measure
Current and Voltage
3 Voltage Ranges: 0 – 20V
3 Current Ranges: 0 – 20mA
0.05% Accuracy
Portable with carry case
The 1044 is an accurate, low cost portable calibrator designed for use in a wide range of
applications. High performance and ease of use make it suitable for test engineers, R&D,
service, and calibration technicians.
Offering both versatility and practicality the 1044 can source and measure voltage and
current. The 0.05% accuracy is ideal for simulation and calibration in most engineering
applications.
The 1044 combines the advantages of digital accuracy with analog controls. Progressing
from the familiar functions of the Time Electronics 1030 calibrator, the 1044 offers more
ranges, better accuracy and the ability to measure as well as source.
The large, easy to read LCD display shows the actual output, even when the connected load
exceeds the specifications. This important feature eliminates the risk of large errors when
connecting to unknown loads. The display also shows if the battery becomes low.
In the source mode, voltage up to 20V and current up to 20mA may be generated in three
ranges. When in current source mode the 1044 has a high 24V compliance voltage which is
ideal for powering process control loops.
In the measurement mode, the range and function can be easily selected with the measured
input accurately shown on the LCD display, operating in a similar way to a multimeter.
The 1044 is housed in a pocket sized, ABS case and comes with a leatherette carry case
containing a compartment for storing test leads. Connections are by standard 4mm plugs or
by simply clamping the wires under the terminals.
A single 9V battery powers the unit or an external 12V DC power supply may be used which
disconnects the internal battery.


Similar Part No. - 9133

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91330-0006 MOLEX2-91330-0006 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
91330-0008 MOLEX2-91330-0008 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
91330-0010 MOLEX2-91330-0010 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
91330-0012 MOLEX2-91330-0012 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
91330-0014 MOLEX2-91330-0014 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
More results

Similar Description - 9133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Texas Instruments
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com