Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9133 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9133
Description  1044 Voltage and Current Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9133 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9133 Datasheet HTML 1Page - Time Electronics Ltd. 9133 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
1044 Applications
In the source mode, the 1044 may be used to calibrate
meters, thermocouple indicators, data loggers, for
signal injection, semiconductor characterisation or as a
backing off source.
In the measure mode, the 1044 may be used in the
same way as a multimeter.
1044 Technical Specifications
VOLTAGE SOURCE
Ranges:
0 – 200mV / 100uV resolution
0 – 2V / 1mV resolution
0 – 20V / 10mV resolution
Accuracy:
0.05% of full scale + 2 Counts
Output Curr:
20mA Max
T / C & Noise: 150ppm/ºC Noise <30ppm
VOLTAGE MEASURE
Ranges:
0 – 200mV / 100uV resolution
0 – 2V / 1mV resolution
0 – 20V / 10mV resolution
Accuracy:
0.05% of full scale + 2 Counts
CURRENT SOURCE
Ranges:
0 – 200uA / 100nA resolution
0 – 2mA / 1uA resolution
0 – 20mA / 10uA resolution
Accuracy:
0.05% of full scale + 3 Counts
Output Volt:
24V Nominal
T / C & Noise: 200ppm/ºC Noise <50ppm
CURRENT MEASURE
Ranges:
0 – 200uA / 100nA resolution
0 – 2mA / 1uA resolution
0 – 20mA / 10uA resolution
Accuracy:
0.05% of full scale + 3 Counts
General Specification
Dimensions:
142mm (5.6”) x 78mm (2.9”) x 50mm (2.0”)
Weight:
0.28kg (0.6lbs)
Optional Extras:
External Power Unit: 230/240V 50/60Hz mains power supply
Calibration Certificates – traceable to N.P.L. and UKAS
Ordering Information
Code
Description
1044
Voltage and Current Calibrator
7643
230V AC 50/60Hz Mains Power Supply
7652
110V Mains Power Supply
9156
Factory (NPL Traceable) Calibration Certificate
9133
UKAS Calibration Certificate (ISO 17025)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com