Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QIPDF Datasheet(PDF) 8 Page - Pentair Equipment Protection - Hoffman

Part # QIPDF
Description  QLINE I, Type 4X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

QIPDF Datasheet(HTML) 8 Page - Pentair Equipment Protection - Hoffman

  QIPDF Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Polycarbonate and abS QLINE I
Spec-00411 H
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
non-Metallic
8
Hinge Kit
Hinge Kit includes two polyamide
hinges, eight M4 self-tapping plated
screws, eight flat washers and
drilling template. Use on all QLINE I
enclosures.
Hinge Kit meets Type 4 requirements.
Three hinges required for 600-mm
sides.
Bulletin: Q41Y
Catalog Number
QIHK
MoUnting bracKet Kit
Mounting Bracket Kit has four
polycarbonate brackets and four M3
self-tapping, plated screws. Kit is
field-installable. Use on all QLINE I
Enclosures. Maintains listed ratings
for enclosure.
Bulletin: Q41Y
Catalog Number
QIMFK
Hardware Kit
Hardware Kit includes four
polyamide cover screws and four
self-tapping, plated panel screws.
This kit is offered as a replacement
kit for lost or damaged hardware
originally furnished with the
enclosure.
Bulletin: Q41Y
Catalog Number
Description
QIHK424
42-mm screws
eXtenSion ringS
Extension rings can be added to
QLINE I enclosures to provide
additional 50-mm to enclosure
depth. Extension rings are
polycarbonate and cannot be used
with quick-release latches.
Bulletin: Q41Y
Catalog Number
Use with Enclosure Catalog Number Beginning With
Q2020EXTI
Q2020
Q3020EXTI
Q3020
Q3030EXTI
Q3030
Q4020EXTI
Q4020
Q4030EXTI
Q4030
Q6030EXTI
Q6030
Q6040EXTI
Q6040
PanelS
Bulletin: Q41Y
Catalog Number
Panel Size
D x E (mm)
Panel Size
D x E (in.)
Q2020PI
160 x 160
6.30 x 6.30
Q3020PI
260 x 160
10.24 x 6.30
Q3030PI
260 x 260
10.24 x 10.24
Q4020PI
360 x 160
14.17 x 6.30
Q4030PI
360 x 260
14.17 x 10.24
Q6030PI
560 x 260
22.05 x 10.24
Q6040PI
560 X 360
22.05 x 14.17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com