Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QIPDF Datasheet(PDF) 1 Page - Pentair Equipment Protection - Hoffman

Part # QIPDF
Description  QLINE I, Type 4X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

QIPDF Datasheet(HTML) 1 Page - Pentair Equipment Protection - Hoffman

  QIPDF Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Polycarbonate and abS QLINE I
Spec-00411 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
non-Metallic
1
Spec-00411
H763.422.2211
763.422.2600
non-Metallic
Polycarbonate and abS
QlIne I
Qline i, tyPe 4X
indUStry StandardS
Polycarbonate enclosure
UL 508A Listed; Type 4, 4X, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X, 12, 13; File No.
E61997
Enclosure flammability evaluated per UL 508A
NEMA/EEMAC Type 4, 4X, 12, 13
CSA File No. 42186: Type 4, 4X, 12, 13
IEC 60529, IP66
abS enclosure
NEMA/EEMAC Type 4, 4X, 12, 13
IEC 60529, IP66
aPPlication
The largest-sized QLINE enclosure, QLINE I provides easy access
and protects larger controls from corrosive environments. Choose
from screw cover, hinge, internal mounting, variable depth and
quick-release latch options to meet your design and security
requirements.
The ABS series shares the same features and similar physical
properties as the polycarbonate but is a more economical, non-UL
rated alternative.
SPeciFicationS
•
Body is impact-resistant polycarbonate for PCI series and ABS
for ABI series
•
Opaque and clear covers are impact-resistant polycarbonate for
PCI; opaque covers are ABS for ABI series
•
Polycarbonate and ABS material is easily punched, drilled, filed
or sawed
•
Mounting holes molded directly under cover screws
•
Molded internal pads for mounting optional panels, rails and
other components
•
Molded internal rails for mounting adjustable-depth panel kit
•
Screws provided for mounting optional panel
•
Optional extension rings are molded polycarbonate
•
Cover includes a molded-in hole for wire lead
•
Seamless foam-in-place gasket assures water-tight and dust-
tight seal
•
Material is halogen free
Screw cover enclosures have easy-to-remove covers attached to
body with strong, durable polyamide cross-point cover screws.
enclosures with Quick-release latches have polycarbonate hinges
and polyester latches with a padlock provision.
FiniSH
Polycarbonate and ABS enclosure material is RAL 7035 light-gray
inside and out. Optional panels are plated steel.
acceSSorieS
See also Accessories.
Brass Insert Kit
Cover Screw Kit
Extension Rings
Hardware Kit
H2OMIT Vent Drains, Type 4X
Hinge Kit
HOL-SEALERS Non-Metallic Hole Seals
Mounting Bracket Kit
Panel Depth Fitting
ModiFication and cUStoMiZation
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: Q41


Similar Part No. - QIPDF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIP0640001 POWEREX-QIP0640001 Datasheet
25Kb / 4P
Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts)
More results

Similar Description - QIPDF

ManufacturerPart #DatasheetDescription
logo
FCI connector
58441-001LF FCI-CONNECTOR-58441-001LF Datasheet
287Kb / 4P
EYEMAX짰 4X HIGH-SPEED SERIAL I/O LINKS
logo
Hammond Manufacturing L...
1418N4AL HAMMOND-1418N4AL Datasheet
173Kb / 3P
Armoire murale en aluminium de type 4X
1487SS HAMMOND-1487SS Datasheet
110Kb / 2P
Goulotte guide-fils pour tirage, type 4X
PCJ-NSL HAMMOND-PCJ-NSL Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PHW HAMMOND-PHW Datasheet
126Kb / 2P
Armoire murale en polyester de type 4X
PJWL HAMMOND-PJWL Datasheet
124Kb / 3P
Armoire murale en polyester de type 4X
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
Continuous Hinge with Clamps, Type 4X
logo
Hammond Manufacturing L...
MHK3 HAMMOND-MHK3 Datasheet
61Kb / 1P
Type 4, 4X Handle Kits
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com