Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCXH16244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16244 Datasheet(HTML) 1 Page - STMicroelectronics

  74VCXH16244 Datasheet HTML 1Page - STMicroelectronics 74VCXH16244 Datasheet HTML 2Page - STMicroelectronics 74VCXH16244 Datasheet HTML 3Page - STMicroelectronics 74VCXH16244 Datasheet HTML 4Page - STMicroelectronics 74VCXH16244 Datasheet HTML 5Page - STMicroelectronics 74VCXH16244 Datasheet HTML 6Page - STMicroelectronics 74VCXH16244 Datasheet HTML 7Page - STMicroelectronics 74VCXH16244 Datasheet HTML 8Page - STMicroelectronics 74VCXH16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
February 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 2.5 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.0 ns (MAX.) at VCC =2.3 to 2.7V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 18mA (MIN) at VCC =2.3V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.3V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES H16244
s
BUS HOLD PROVIDED ON DATA INPUTS
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCXH16244 is a low voltage CMOS 16 BIT
BUS BUFFER (NON INVERTED) fabricated with
sub-micron silicon gate and five-layer metal wiring
C2MOS technology. It is ideal for low power and
very high speed 2.3 to 3.6V applications; it can be
interfaced to 3.6V signal environment for both
inputs and outputs.
Any
nG
output
control
governs
four
BUS
BUFFERS. Output Enable input (nG) tied together
gives full 16-bit operation.
When nG is LOW, the outputs are on. When nG is
HIGH, the output are in high impedance state.
This device is designed to be used with 3 state
memory address drivers, etc. Bus hold on data
inputs is provided in order to eliminate the need for
external pull-up or pull-down resistor.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VCXH16244
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VCXH16244TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74VCXH16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244DT ONSEMI-74VCXH16244DT Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244DTR ONSEMI-74VCXH16244DTR Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
Fairchild Semiconductor
74VCXH16244G FAIRCHILD-74VCXH16244G Datasheet
159Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results

Similar Description - 74VCXH16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
17-May-2005
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com