Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM19 Datasheet(PDF) 1 Page - ABB

Part # VM19
Description  VM19 Mechanical Interlock Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

VM19 Datasheet(HTML) 1 Page - ABB

  VM19 Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Gross Weight:
Battery Information:
RoHS Status:
Order Multiple:
Product Main Type:
Product Name:
RoHS Date:
Suitable For:
Suitable for Product Class:
Terminal Type:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
ETIM 4:
ETIM 5:
Object Classification Code:
UNSPSC:
General Information
VM19
1SFN030300R1000
7320500492574
VM19 Mechanical Interlock Unit
Mechanical interlock for use with contactors AF116…AF370. For interlocking two contactors
of equal frame size
Categories
Products
» Low Voltage Products and Systems » Control Products » Contactors » Block Contactors Accessories
Ordering
7320500492574
1 piece
85389099
Dimensions
0.054 kg
Container Information
1 piece
0.069 kg
Environmental
Type NONE
Following EU Directive 2002/95/EC August 18, 2005 and amendment
Additional Information
1 piece
VM19
Mechanical Interlock Unit
1226 1
AF370
CONTACTORS
Screw Terminals
Certificates and Declarations (Document Number)
1SBC100173C0201
2CMT004242
Classifications
EC001044 - Mechanic interlock for switch
EC001044 - Mechanic interlock for switch
R
39121529
VM19


Similar Part No. - VM19

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
VM1-038-1AE OHMITE-VM1-038-1AE Datasheet
387Kb / 2P
Ohmite introduces this new versatile heatsink
VM1-038-1AE OHMITE-VM1-038-1AE Datasheet
438Kb / 2P
Variable Mount Heatsink Series
logo
Stackpole Electronics, ...
VM10 SEI-VM10 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
CBC Group. CBC AMERICA ...
VM100 COMPUTAR-VM100 Datasheet
408Kb / 1P
Extention Tube Kit
2004.5
logo
List of Unclassifed Man...
VM1010 ETC-VM1010 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
More results

Similar Description - VM19

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301500196 MOLEX11-1301500196 Datasheet
37Kb / 1P
60 Amp Watertite Pin and Sleeve Mechanical Interlock with Flip Lid
logo
PowerDynamics, Inc
SCM320MI4W POWERDYNAMICS-SCM320MI4W Datasheet
380Kb / 1P
20 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
SCM330MI4W POWERDYNAMICS-SCM330MI4W Datasheet
382Kb / 1P
30 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
SCM360MI6W POWERDYNAMICS-SCM360MI6W Datasheet
381Kb / 1P
60 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
logo
Schneider Electric
S29354 SCHNEIDER-S29354 Datasheet
65Kb / 2P
H/J-FRAME MECHANICAL INTERLOCK FOR TOGGLE HANDLE
Apr 19, 2021
LA9FG970 SCHNEIDER-LA9FG970 Datasheet
103Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 15, 2019
LA9FJ970 SCHNEIDER-LA9FJ970 Datasheet
102Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 17, 2019
logo
WAGO Kontakttechnik Gmb...
2002-1972-401-000 WAGO-2002-1972-401-000 Datasheet
1Mb / 24P
2-conductor disconnect/test terminal block; with mechanical interlock
24.11.2021
2002-1974-401-000 WAGO-2002-1974-401-000 Datasheet
1Mb / 24P
2-conductor disconnect/test terminal block; with mechanical interlock
24.11.2021
logo
Schneider Electric
XACA009 SCHNEIDER-XACA009 Datasheet
73Kb / 1P
mechanical interlock for 2 operators - XAC-A
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com