Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK20 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBK20
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK20 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBK20 Datasheet HTML 10Page - STMicroelectronics LNBK20 Datasheet HTML 11Page - STMicroelectronics LNBK20 Datasheet HTML 12Page - STMicroelectronics LNBK20 Datasheet HTML 13Page - STMicroelectronics LNBK20 Datasheet HTML 14Page - STMicroelectronics LNBK20 Datasheet HTML 15Page - STMicroelectronics LNBK20 Datasheet HTML 16Page - STMicroelectronics LNBK20 Datasheet HTML 17Page - STMicroelectronics LNBK20 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.60
0.1417
a1
0.10
0.30
0.0039
0.0118
a2
3.30
0.1299
a3
0
0.10
0
0.0039
b
0.40
0.53
0.0157
0.0209
c
0.23
0.32
0.009
0.0126
D (1)
15.80
16.00
0.6220
0.6299
E
13.90
14.50
0.5472
0.570
e
1.27
0.050
e3
11.43
0.450
E1 (1)
10.90
11.10
0.4291
0.437
E2
2.90
0.1141
G
0
0.10
0
0.0039
h
1.10
0.0433
L
0.80
1.10
0.0314
0.0433
N10
o (max.)
S8
o
(max.)
T
10.0
0.3937
e
a2
A
E
a1
PSO20MEC
DETAILA
T
D
110
11
20
E1
E2
hx 45
°
DETAILA
lead
slug
a3
S
Gage Plane
0.35
L
DETAILB
R
DETAIL B
(COPLANARITY)
GC
-C -
SEATING PLANE
e3
b
c
N
N
0056635
PowerSO-20 MECHANICAL DATA
(1) ”D and E1” do not include mold flash or protusions
- Mold flash or protusions shall not exceed 0.15mm (0.006”)
LNBK10 SERIES - LNBK20
16/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com