Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBK20
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK20 Datasheet(HTML) 4 Page - STMicroelectronics

  LNBK20 Datasheet HTML 1Page - STMicroelectronics LNBK20 Datasheet HTML 2Page - STMicroelectronics LNBK20 Datasheet HTML 3Page - STMicroelectronics LNBK20 Datasheet HTML 4Page - STMicroelectronics LNBK20 Datasheet HTML 5Page - STMicroelectronics LNBK20 Datasheet HTML 6Page - STMicroelectronics LNBK20 Datasheet HTML 7Page - STMicroelectronics LNBK20 Datasheet HTML 8Page - STMicroelectronics LNBK20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage (VCC1, VCC2, MI)
28
V
Io
Output Current (LNBA, LNBB)
Internally limited
Vi
Logic Input Voltage (ENT, EN, OSEL, VSEL, LLC)
-0.5 to 7
V
ISW
Bypass Switch Current
900
mA
Ptot
Power Dissipation at Tcase <85
oC14
W
Tstg
Storage Temperature Range
- 40 t o 150
oC
Top
Operating Junction Temperature Range
- 40 t o 125
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions
is not implied
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj- case Thermal Resistance Junction-case
2
oC/W
LOGIC CONTROLS TRUTH TABLES
Control I/O
Pin Name
L
H
OUT
O LF
IOUT >IOMAX or Tj >150
OCIOUT <IOMAX
IN
ENT
22KHz t one O FF
22KHz tone ON
IN
EN
See table below
See table below
IN
OSEL
See table below
See table below
IN
VSEL
See table below
See table below
IN
LLC
See table below
See table below
EN
OSEL
VSEL
LLCP
VLNBA
VLNBB
LX
X
X
VMI -0. 4V (typ.)
Disabled
H
L
L
L
13V (typ.)
Disabled
H
L
H
L
18V (typ.)
Disabled
H
L
L
H
14V (typ.)
Disabled
H
L
H
H
19V (typ.)
Disabled
H
H
L
L
Disabled
13V (typ.)
H
H
H
L
Disabled
18V (typ.)
H
H
L
H
Disabled
14V (typ.)
H
H
H
H
Disabled
19V (typ.)
NOTE: All logic input pins have internal pull-down resistor (typ. = 250K
Ω)
LNBK10 SERIES - LNBK20
4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com