Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFR6015 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  IFR6015 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
T
Th
he
e IIF
FR
R 6
60
01
15
5 iis
s a
a c
co
om
mp
pa
ac
ctt,, lliig
gh
httw
we
eiig
gh
htt a
an
nd
d w
we
ea
atth
he
errp
prro
oo
off u
un
niitt d
de
es
siig
gn
ne
ed
d ffo
orr tte
es
sttiin
ng
g ttrra
an
ns
sp
po
on
nd
de
err
m
mo
od
de
es
s A
A//C
C//S
S,, T
TC
CA
AS
S II,, IIII a
an
nd
d M
Miilliitta
arry
y E
E--T
TC
CA
AS
S a
as
s w
we
ellll a
as
s D
DM
ME
E..
Avionics
IFR 6015 RampTest Set
•
One main user screen for each test mode
•
Detachable antenna
•
Large display
•
Simple user interface
•
Lightweight and compact <8 lbs. (3.6 kg)
•
Battery 6 hours plus duration
•
Fully FAR part 43 appendix F compliant
•
European Elementary and Enhanced
Surveillance
The IFR 6015 features an extremely easy to use
interface where every parameter the user com-
monly needs to view is displayed on screen.
Controls
Dedicated Mode keys for XPDR, DME and TCAS
allow quick selection of the operational mode.
The application dependant softkeys and data
select/slew keys provide an intuitive man machine
interface.
DME mode is provided with dedicated keys for
frequency/channel selection and RF level control.
For frequently varied parameters in DME and
TCAS modes, such as Range and Rate, dedicated
keys are provided.
Operational Modes
Each operational mode has one main user screen. The operational
modes are:
XPDR (Sub-Modes: ADS-B MON, ADS-B GEN & GICB)
DME
TCAS 1, 2 (Sub-Modes: TIS & TIS-B)
E-TCAS
Most tests can be completed without leaving the main user screens.
This simplifies the line technician's testing task.


Similar Part No. - IFR6015

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
Microwave Generator
More results

Similar Description - IFR6015

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73087 POMONA-73087 Datasheet
109Kb / 2P
Jumper Test Lead Set
logo
Rosenberger Hochfrequen...
VA40-TP-W-60 ROSENBERGER-VA40-TP-W-60 Datasheet
112Kb / 2P
TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
TEST CABLE SET
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA40-TP-2_92-60 ROSENBERGER-VA40-TP-2_92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com