Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFR6015 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 11Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Part No. 46891/263, Issue 1, 01/06
FINLAND
Tel: [+358] (9) 2709 5541
Fax: [+358] (9) 804 2441
FRANCE
Tel: [+33] 1 60 79 96 00
Fax: [+33] 1 60 77 69 22
GERMANY
Tel: [+49] 8131 2926-0
Fax: [+49] 8131 2926-130
INDIA
Tel: [+91] 80 5115 4501
Fax: [+91] 80 5115 4502
KOREA
Tel: [+82] (2) 3424 2719
Fax: [+82] (2) 3424 8620
SCANDINAVIA
Tel: [+45] 9614 0045
Fax: [+45] 9614 0047
SPAIN
Tel: [+34] (91) 640 11 34
Fax: [+34] (91) 640 06 40
UK Burnham
Tel: [+44] (0) 1628 604455
Fax: [+44] (0) 1628 662017
UK Cambridge
Tel: [+44] (0) 1763 262277
Fax: [+44] (0) 1763 285353
UK Stevenage
Tel: [+44] (0) 1438 742200
Fax: [+44] (0) 1438 727601
Freephone: 0800 282388
USA
Tel: [+1] (316) 522 4981
Fax: [+1] (316) 522 1360
Toll Free: 800 835 2352
w w w .aerofle x.com
info -t est@aerofle x.com
As we are always seeking to improve our products,
the information in this document gives only a general
indication of the product capacity, performance and
suitability, none of which shall form part of any con-
tract. We reserve the right to make design changes
without notice. All trademarks are acknowledged.
Parent company Aeroflex, Inc. ©Aeroflex 2006.
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
P
PH
HY
YS
SIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
DIMENSIONS
Height
11.2 inches (28.5 cm)
Width
9.1 inches (23.1 cm)
Depth
2.7 inches (6.9 cm)
Weight (Test set only)
< 8 lbs. (3.6 kg)
S
SU
UP
PP
PL
LE
EM
ME
EN
NT
TA
AL
L IIN
NF
FO
OR
RM
MA
AT
TIIO
ON
N
Test Set Certifications
Altitude, operating
MIL-PRF-28800F
Class 2
Altitude, not operating
MIL-PRF-28800F
Class 2
Bench Handling
MIL-PRF-28800F
Class 2
Blowing Dust
MIL-STD-810F
Method 510.4,
Procedure I
Drip-proof
MIL-PRF-28800F
Class 2
Explosive Atmosphere
MIL-STD-810F
Method 511.4,
Procedure 1
Relative Humidity
MIL-PRF-28800F
Class 2
Shock, Functional
MIL-PRF-28800F
Class 2
Vibration Limits
MIL-PRF-28800F
Class 2
Temp, operating
NOTE 5
MIL-PRF-28800F
Class 2
Temp, not operating
NOTE 6
MIL-PRF-28800F
Class 2
Transit Drop
MIL-PRF-28800F
Class 2
Safety Compliance
UL-61010B-1
EN 61010-1
CSA 22.2 No 61010-1
EMC
EN 61326
E
EX
XT
TE
ER
RN
NA
AL
L A
AC
C--D
DC
C C
CO
ON
NV
VE
ER
RT
TE
ER
R C
CE
ER
RT
TIIF
FIIC
CA
AT
TIIO
ON
NS
S
Safety Compliance
UL 1950 DS
CSA 22.2 No. 234
VDE EN 60 950
EMI/RFI Compliance
FCC Docket 20780 Curve “B”
EMC
EN 61326
T
TR
RA
AN
NS
SIIT
T C
CA
AS
SE
E C
CE
ER
RT
TIIF
FIIC
CA
AT
TIIO
ON
NS
S
Drop Test
FED-STD-101C
Method 5007.1
Paragraph 6.3,
Procedure A,
Level A
Falling Dart Impact
ATA 300
Category I
Vibration, Loose Cargo
FED-STD-101C
Method 5019
Vibration, Sweep
ATA 300
Category I
Simulated Rainfall
MIL-STD-810F
Method 506.4
Procedure II of 4.1.2
FED-STD-101C
Method 5009.1
Sec 6.7.1
Immersion
MIL-STD-810F
Method 512.4
Notes
NOTE 1 Simulates a 50.5 dBm XPDR ERP at 10 nMi range.
NOTE 2 Level automatically controlled based on actual distance to UUT antenna.
NOTE 3 Battery charging temperature range: 5°C to 40°C (controlled by internal
charger).
NOTE 4 Li Ion Battery must be removed below -20°C and above 60°C.
NOTE 5 Temperature range extended to -20°C to 55°C.
NOTE 6 Temperature range reduced to -30°C to 71°C.
V
VE
ER
RS
SIIO
ON
NS
S A
AN
ND
D A
AC
CC
CE
ES
SS
SO
OR
RIIE
ES
S
When ordering please quote the full ordering number information.
Ordering
Numbers
Versions
6015-110
IFR 6015 Mode A/C/S Transponder, DME,
TCAS/E-TCAS, TIS and TIS-B Ramp Test Set,
with US Mains Leads
6015-220
IFR 6015 Mode A/C/S Transponder, DME,
TCAS/E-TCAS, TIS and TIS-B Ramp Test Set,
with European Mains Leads
6015OPT3
ADS-B
Extended Standard Warranties with Calibration for 6015
W6015/203C
Extended standard warranty 36 months with
scheduled calibration
W6015/205C
Extended standard warranty 60 months with
scheduled calibration
Accessories for 6015
AC0820
Desk Top Stand
AC0826
Tripod
AC0825CD
IFR 6015 Operation Manual - CD
AC24006
Tripod, Dolly, Stand
EXPORT CONTROL:
This product is controlled for export under the International Traffic
in Arms Regulations (ITAR). A license from the U.S. Department of
State is required prior to the export of this product from the United
States.
EXPORT WARNING:
Aeroflex's military products are controlled for export under the
International Traffic in Arms Regulations (ITAR) and may not be
sold or proposed or offered for sale to certain countries including:
Belarus, Burma, China, Cuba, Haiti, Iran, Liberia, Libya, North
Korea, Somalia, Syria, Sudan, and Vietnam. See ITAR 126.1 for com-
plete information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com