Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P10AV Datasheet(PDF) 13 Page - Numonyx B.V

Part # 25P10AV
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

25P10AV Datasheet(HTML) 13 Page - Numonyx B.V

Back Button 25P10AV Datasheet HTML 9Page - Numonyx B.V 25P10AV Datasheet HTML 10Page - Numonyx B.V 25P10AV Datasheet HTML 11Page - Numonyx B.V 25P10AV Datasheet HTML 12Page - Numonyx B.V 25P10AV Datasheet HTML 13Page - Numonyx B.V 25P10AV Datasheet HTML 14Page - Numonyx B.V 25P10AV Datasheet HTML 15Page - Numonyx B.V 25P10AV Datasheet HTML 16Page - Numonyx B.V 25P10AV Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
M25P10-A
Operating features
13/51
4.7
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence. However, taking this signal Low does not terminate any
Write Status Register, Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (S) Low.
The Hold condition starts on the falling edge of the Hold (HOLD) signal, provided that this
coincides with Serial Clock (C) being Low (as shown in Figure 5).
The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this
coincides with Serial Clock (C) being Low.
If the falling edge does not coincide with Serial Clock (C) being Low, the Hold condition
starts after Serial Clock (C) next goes Low. Similarly, if the rising edge does not coincide
with Serial Clock (C) being Low, the Hold condition ends after Serial Clock (C) next goes
Low. (This is shown in Figure 5).
During the Hold condition, the Serial Data output (Q) is high impedance, and Serial Data
input (D) and Serial Clock (C) are Don’t care.
Normally, the device is kept selected, with Chip Select (S) driven Low, for the whole duration
of the Hold condition. This is to ensure that the state of the internal logic remains unchanged
from the moment of entering the Hold condition.
If Chip Select (S) goes High while the device is in the Hold condition, this has the effect of
resetting the internal logic of the device. To restart communication with the device, it is
necessary to drive Hold (HOLD) High, and then to drive Chip Select (S) Low. This prevents
the device from going back to the Hold condition.
Table 2.
Protected area sizes
Status
Register
content
Memory content
BP1
bit
BP0
bit
Protected area
Unprotected area
0
0
none
All sectors(1) (four sectors: 0, 1, 2 and 3)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, both Block Protect (BP1, BP0) bits are
0.
0
1
Upper quarter (sector 3)
Lower three-quarters (three sectors: 0 to 2)
1
0
Upper half (two sectors: 2 and 3)
Lower half (sectors 0 and 1)
1
1
All sectors (four sectors: 0, 1, 2 and 3) none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com