Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P10AV Datasheet (PDF) - Numonyx B.V

25P10AV Datasheet PDF - Numonyx B.V
Part # 25P10AV
Download  25P10AV Download
File Size   987.55 Kbytes
Page   51 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 1 Mbit, serial Flash memory, 50 MHz SPI bus interface

25P10AV Datasheet (PDF)

Go To PDF Page Download Datasheet
25P10AV Datasheet PDF - Numonyx B.V

Part # 25P10AV
Download  25P10AV Click to download

File Size   987.55 Kbytes
Page   51 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 1 Mbit, serial Flash memory, 50 MHz SPI bus interface

25P10AV Datasheet (HTML) - Numonyx B.V


25P10AV Product details

Description

The M25P10-A is a 1 Mbit (128 Kbit x 8) serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.

The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The memory is organized as 4 sectors, each containing 128 pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting of 512 pages, or 131,072 bytes.

The whole memory can be erased using the Bulk Erase instruction, or a sector at a time, using the Sector Erase instruction.



Features

■ 1 Mbit of Flash memory

■ Page Program (up to 256 bytes) in 1.4 ms (typical)

■ Sector Erase (256 Kbit) in 0.65 s (typical)

■ Bulk Erase (1 Mbit) in 1.7 s (typical)

■ 2.3 to 3.6 V single supply voltage

■ SPI bus compatible serial interface

■ 50 MHz Clock rate (maximum)

■ Deep Power-down mode 1 µA (typical)

■ Electronic signatures

   – JEDEC standard two-byte signature (2011h)

   – RES instruction, one-byte signature (10h), for backward compatibility

■ More than 20 years’ data retention

■ Packages

   – ECOPACK® (RoHS compliant)



 




Similar Part No. - 25P10AV

ManufacturerPart #DatasheetDescription
logo
Winbond
25P16 WINBOND-25P16 Datasheet
806Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
25P16 WINBOND-25P16 Datasheet
966Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results


Similar Description - 25P10AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
08-Mar-2005
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
512-Kbit, serial flash memory, 50 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com