Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCA2137 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMCA2137
Description  SMA Male to TNC Female Bulkhead Cable FMSR086TB Coax with LF Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMCA2137 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMCA2137 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMCA2137 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMCA2137 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.0 Page 1 of 3
Copyright © 2019
The SMA male to TNC female bulkhead cable using FM-SR086TB coax, part
number FMCA2137, from Fairview Microwave is in-stock and ships same day. This
Fairview SMA to TNC cable assembly has a male to female gender configuration
with 50 ohm formable FM-SR086TB coax. Fairview Microwave’s formable RF cable
assemblies provide an alternative to costly pre-formed semi-rigid assemblies
since they are hand formable. The FMCA2137 SMA male to TNC female cable
assembly operates to 6 GHz. Our RF cable assembly with TNC bulkhead interface
allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications.
Custom versions of most RF cable assemblies can be built and shipped same
day. Custom cable assembly lengths can be obtained by specifying the desired
length on the web site at time of order or by contacting a sales representative.
Other RF cable assembly value added services including connector orientation or
clocking, heat shrink booting and labeling are also available. RF testing can also
be performed to document the electrical performance of your cable assembly.
Electrical Specifications
.
Description
Min
Typ
Max
Units
Frequency Range
DC
6
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
Capacitance
29 [95.14]
pF/ft [pF/m]
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency
0.25
0.5
1
2.5
6
GHz
Insertion Loss (Typ.) 0.179
0.25
0.324
0.446
0.701
dB
0.59
0.82
1.06
1.46
2.3
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is
estimated as 0.1 dB per connector.
Mechanical Specifications
Cable Assembly
Length*
0 in [0 mm]
Diameter
0.69 in [17.53 mm]
.
Cable
Cable Type
FM-SR086TB
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Outer Conductor Material and Plating
Tinned Copper Composite Braid
Outer Conductor Diameter
0.086 in [2.18 mm]
.
SMA Male to TNC Female Bulkhead Cable FM-
SR086TB Coax with LF Solder
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Male
• TNC Female Bulkhead
• FM-SR086TB
Features:
• Max Frequency 6 GHz
• 69.5% Phase Velocity
• Dimensionally and electrically the
same as standard, solid outer
conductor semi-rigid coax
• Cable may be formed by hand
and does not require special tools
to bend
• May be formed more than once
without damaging the outer
conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity
tested
• 100% VSWR tested to max fre-
quency of assembly
• Standard and custom lengths
ship the same day
Applications:
• General Purpose
• Laboratory Use
FMCA2137
DATA SHEET


Similar Part No. - FMCA2137

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA2131 FAIRVIEW-FMCA2131 Datasheet
517Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR141TB Coax with LF Solder
REV 1.0 A
FMCA2132 FAIRVIEW-FMCA2132 Datasheet
517Kb / 4P
RA SMA Male to N Female Bulkhead Cable FMSR141TB Coax with LF Solder
REV 1.0 A
FMCA2133 FAIRVIEW-FMCA2133 Datasheet
527Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR086TBJ Coax with LF Solder
REV 1.0 A
FMCA2135 FAIRVIEW-FMCA2135 Datasheet
517Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR141TBJ Coax with LF Solder
REV 1.0 A
FMCA2136 FAIRVIEW-FMCA2136 Datasheet
521Kb / 4P
RA SMA Male to N Female Bulkhead Cable FMSR141TBJ Coax with LF Solder
REV 1.0 A
More results

Similar Description - FMCA2137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39447 PASTERNACK-PE39447_17 Datasheet
385Kb / 4P
SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, LF Solder, RoHS
PE34192LF PASTERNACK-PE34192LF Datasheet
449Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable Using RG400 Coax, LF Solder, RoHS
PE34192LF-12 PASTERNACK-PE34192LF-12 Datasheet
446Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 12 Inch Length Using RG400 Coax, LF Solder, RoHS
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE39489 PASTERNACK-PE39489 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-6 PASTERNACK-PE39489-6 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-9 PASTERNACK-PE39489-9 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-12 PASTERNACK-PE39489-12 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-18 PASTERNACK-PE39489-18 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-24 PASTERNACK-PE39489-24 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com