Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCA2137 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMCA2137
Description  SMA Male to TNC Female Bulkhead Cable FMSR086TB Coax with LF Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMCA2137 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMCA2137 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMCA2137 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMCA2137 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connectors
.
Description
Connector 1
Connector 2
Type
SMA Male
TNC Female
Mount Method
Bulkhead
Impedance
50 Ohms
50 Ohms
Contact Material & Plating
Brass, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Body Material & Plating
Brass, Gold
Brass, Nickel
Coupling Nut Material & Plating Passivated Stainless Steel
Hex Size
5/16 in.
Torque
8 in-lbs 0.9 Nm
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
FMCA2137 - xx
uu
|
|
cm = Centimeters
|
<blank> = Inches
|
|
Length
Example: FMCA2137-12 = 12 inches long cable
FMCA2137-100cm = 100 cm long cable
SMA Male to TNC Female Bulkhead Cable FM-SR086TB Coax with LF Solder from Fairview Microwave has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link to obtain additional part information: SMA Male to TNC Female Bulkhead Cable FM-SR086TB Coax
with LF Solder FMCA2137
URL: https://www.fairviewmicrowave.com/sma-male-tnc-female-cable-fm-sr086tb-coax-fmca2137-p.aspx
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 3
FMCA2137
DATA SHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com