Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPR30
Description  LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR30 Datasheet(HTML) 1 Page - STMicroelectronics

  LPR30 Datasheet HTML 1Page - STMicroelectronics LPR30 Datasheet HTML 2Page - STMicroelectronics LPR30 Datasheet HTML 3Page - STMicroelectronics LPR30 Datasheet HTML 4Page - STMicroelectronics LPR30 Datasheet HTML 5Page - STMicroelectronics LPR30 Datasheet HTML 6Page - STMicroelectronics LPR30 Datasheet HTML 7Page - STMicroelectronics LPR30 Datasheet HTML 8Page - STMicroelectronics LPR30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LPR30
LOW DROP VOLTAGE REGULATOR DRIVE
FOR EXTERNAL N-CHANNEL POWER MOSFET
®
May 2000
s
VERY LOW DROPOUT POWER MOSFET
DRIVER
s
HIGH PRECISION Vref = 2.5V (
± 2%)
s
VERY LOW CURRENT DRAIN (TYP. 2mA)
s
REFERENCE OUTPUT CURRENT UP TO
20mA
s
OPERATING SUPPLY VOLTAGE FROM 5V
TO 30V
s
MAXIMUM INPUT VOLTAGE ON-GATE PIN
(N. 8) UP TO 60V
s
INTERNAL CURRENT LIMIT OPERATIONAL
AMPLIFIER OFFSET TRIMMED AT
50mV
± 10mV
s
NO CAPACITOR IS NEEDED FOR STABILITY
OF REFERENCE OUTPUT
s
TEMPERATURE RANGE 0
oCTO 70 oC
APPLICATION
s
ULTRA HIGH CURRENT ULTRA LOW
DROPOUT VOLTAGE REGULATOR
s
CONSTANT HIGH CURRENT SOURCE
BLOCK DIAGRAM
DIP-8
SO-8
s
LOW PARTS COUNT 5V TO 3.3V
COMPUTER SUPPLY
s
LOW NOISE/LOW DROP SMPS POST
REGULATOR
DESCRIPTION
The LPR30 is a very Low Dropout Regulator
Controller in a single IC solution for very high
current low dropout linear voltgage regulator. It
uses an external N-CHANNEL POWER MOSFET
as the linear pass element. The LPR30 features a
dropout voltage as low as the RDS(on) of the
1/10


Similar Part No. - LPR30

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPR351 MIC-LPR351 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
logo
Shenzhen Ping Sheng Ele...
LPR351 PFS-LPR351 Datasheet
172Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
LPR352 MIC-LPR352 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
logo
Shenzhen Ping Sheng Ele...
LPR352 PFS-LPR352 Datasheet
172Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
LPR353 MIC-LPR353 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
More results

Similar Description - LPR30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com