Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LPR30
Description  LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR30 Datasheet(HTML) 3 Page - STMicroelectronics

  LPR30 Datasheet HTML 1Page - STMicroelectronics LPR30 Datasheet HTML 2Page - STMicroelectronics LPR30 Datasheet HTML 3Page - STMicroelectronics LPR30 Datasheet HTML 4Page - STMicroelectronics LPR30 Datasheet HTML 5Page - STMicroelectronics LPR30 Datasheet HTML 6Page - STMicroelectronics LPR30 Datasheet HTML 7Page - STMicroelectronics LPR30 Datasheet HTML 8Page - STMicroelectronics LPR30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, VCC = 10V, Tj =25
oC unless otherwise specified.
GENERAL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
5
30
V
ICC
Supply Current
IK =0
µAVCC =30 V
Tj = 0 to 70
oC
ERR(-), LIM(-) = 1V
ERR(+), LIM(+) = 0V
24
mA
VOSAT
Output Saturation Voltage
VCC =5 V
IO = 100 mA
Tj = 0 to 70
oC
ERR(-), LIM(-) = 1V
ERR(+), LIM(+) = 0V
280
500
mV
IOLK
Output Leakage Current
VCC =5 V
VO =60 V
ERR(-), LIM(-) = 0V
ERR(+), LIM(+) = 1V
100
µA
REFERENCE BLOCK
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Output Voltage
2.45
2. 5
2.55
V
IK
Reference Output Current
20
mA
∆VREF/∆IK Reference Output Voltage
Change
IK = 1 to 20 mA CREF = 0 pF
3
mV
SVR
Supply Voltage Rejection
VIN <10 V
±1V f = 120 Hz CREF = 0 pF
70
dB
eN
Output Noise
B = 10 Hz to 10 KHz
IK =10 mA CREF =0 pF
50
µV
ERROR AMPLIFIER BLOCK
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IB
Input Bias Current
0. 3
1
µA
VOS
Input OffsetVoltage
VCC = 5 to 30 V
Tj = 0 to 70
oC5
mV
IOS
Input OffsetCurrent
5
50
nA
G V
Open Loop Gain
Tj = 0 to 70
oC80
dB
VCM
Input Common Mode Voltage
Range
Tj = 0 to 70
oC1
VCC-1
V
CMR
Common Mode Rejection
70
dB
SVR
Supply Voltage Rejection
VIN = 9 to 11V
f = 120Hz
VIN = 9 to 11V
f = 10KHz
70
60
dB
dB
CURRENT LIMITING BLOCK
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IB
Input Bias Current
0. 5
µA
VOS
Input OffsetVoltage
Tj = 0 to 70
oC40
60
V
G V
Open Loop Gain
Tj = 0 to 70
oC50
dB
VCM
Input Common Mode Voltage
Range
Tj = 0 to 70
oC0
VCC-3
V
LPR30
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com