Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM8230MDA Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCM8230MDA
Description  VGA CAMERA MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCM8230MDA Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCM8230MDA Datasheet HTML 5Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 6Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 7Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 8Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 9Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 10Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 11Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 12Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TCM8230MD (A)
Ver. 1.20
04/01/05
9/27
INTERNAL REGISTER
ADDRESS
fast
last
DEC
BIN
HEX
BIT7(MSB)
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0(LSB)
B7B6B5B4 B3B2B1B0
HEX
0 00000000
00
0111
000 0
70
1 00000001
01
0 001
0000
10
2 00000010
02
FPS
0:30fps
1:15fps
ACF
0:50Hz
1:60Hz
DCLKP
0 : normal
1: reverse
ACFDET
0 : AUTO
1: MANUAL
11 00
0
000
40
3 00000011
03
DOUTSW
0:ON
1:0FF
DATAHZ
0:OUT
1:Hi-Z
PICFMT
0:YUV422
1:RGB565
CM
0:COLOR
1:B/W
10
0 00 0 0 0
80
4 00000100
04
V_INV
0:normal
1:invert
H_INV
0:normal
1:invert
00 00
11 11
0F
5 00000101
05
ALCSW
0:AUTO
1:MANUAL
00 00
00 10
02
6 00000110
06
00 00
11 01
0D
7 00000111
07
11 00
00 00
C0
8 00001000
08
00 11
10 00
38
9 00001001
09
0
100
0000
40
10 00001010
0A
AWBSW
0:AUTO
1:MANUAL
0
000
0000
00
11 00001011
0B
01 00
00 00
40
12 00001100
0C
0
100
0000
40
13 00001101
0D
GAMSW
0:ON
1:OFF
00 0
0
0000
00
14 00001110
0E
00 10
11 11
2F
15 00001111
0F
00 00
01 00
04
16 00010000
10
00 10
00 10
22
17 00010001
11
10 01
10 10
9A
18 00010010
12
0 00 0
1 10 0
0C
19 00010011
13
0 00 0
1 01 0
0A
20 00010100
14
00 00
10 00
08
21 00010101
15
00 11
10 00
38
22 00010110
16
00 11
10 00
38
23 00010111
17
00 00
00 01
01
24 00011000
18
00 10
01 11
27
25 00011001
19
MHMODE
0:
1:
MHLPFSE
L
0:
1:
0 000
0100
04
26 00011010
1A
0 010
0000
20
27 00011011
1B
LENSRPO
L 0:Gain
up
1:Gain
down
0 100
0110
46
28 00011100
1C
10 01
11 10
9E
29 00011101
1D
10 00
00 11
83
30 00011110
1E
CODESW
0:OFF
1:OUT
CODESEL
0 : original
1 : ITU656
HSYNCSEL
0 : normal
1 :
TESPIC
0:Not out
1:Out
0 110
1000
68
31 00011111
1F
SLEEPSW
0:ACTIVE
1:SLEEP
SRST
0:OFF
1:reset
0 000
0000
00
default(ROM data)
V_LENGTH[3:0]
ESRLSW[1:0]
0h : Short
1h :
Long
2h & 3h :
PICSIZ[3:0]
0h:VGA 1h:QVGA(f) 2h:QVGA(z)
3h:QQVGA(f)
4h:QQVGA(z)
5h:CIF(f)
6h:QCIF(f)
7h:QCIF(z)
8h:subQCIF(f)
9h:subQCIF(z)
Test Mode
ESRSPD[12:8]
MBG[7:0]
ALCL[7:0]
ALCMODE[1:0]
0h:Centaer Weight
1h:Average
2h:Center only
3h:Backlight
ESRLIM[1:0]
ALCH[3:0]
AG[7:0]
ESRSPD[7:0]
HDTG[7:0]
MRG[7:0]
CONT[7:0]
VDTG[7:0]
VDTCORE[3:0]
SATU[6:0]
PICSEL[1:0]
0h:Colorbar 1h:Ramp1
2h :Ramp2
ES100S[7:0]
VGAIN[5:0]
UGAIN[5:0]
UVCORE[3:0]
MIXHG[2:0]
ES120S[7:0]
D_MASK[1:0]
YMODE[1:0]
LENS[5:0]
LENSRGAIN[3:0]
BRIGHT[7:0]
UHUE[6:0]
AGLIM[2:0]
VHUE[6:0]
HDTCORE[3:0]
The registers of gray mesh (unassigned registers) are not defined. Input data of the registers of gray mesh
must input “0”. The registers of testmode must input default data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com