Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM8230MDA Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCM8230MDA
Description  VGA CAMERA MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCM8230MDA Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCM8230MDA Datasheet HTML 9Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 10Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 11Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 12Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 13Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 14Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 15Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 16Page - Toshiba Semiconductor TCM8230MDA Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TCM8230MD (A)
Ver. 1.20
04/01/05
13/27
SYNCHRONIZATION CODE
Synchronization code output format
CODESW=1
CODESW(Address=1Eh, Bit5) is able to add synchronization codes. “Code“ part is changed Mode1 or Mode2
by CODESEL(Address=1Eh, Bit4).
Mode1 (Original format, CODESEL=0)
These codes only exists in active lines
Frame
Start
Active Line 1
Line
End
Line
Start
Active Line 480
(VGA)
Frame
End
Code
Code
Code
Code
Code
Code
Active Line 2
Line
End
Line
Start
Code
Picture
Code
Line start code
: FFh 00h 00h 00h
Line end code
: FFh 00h 00h 01h
Frame start code : FFh 00h 00h 02h
Frame end code : FFh 00h 00h 03h
Line 1
Line 2
Line 3
Line 4
Line 480 (VGA)
Line 240 (QVGA)
Line 120 (QQVGA)
Line 288 (CIF)
Line 144 (QCIF)
Line 96 (subQCIF)
02
01
01
01
01
01
03
00
00
00
00
00
Blanking
Blanking
Blanking
Blanking
640 pixels (VGA)
320 pixels (QVGA)
160 pixels (QQVGA)
352 pixels (CIF)
176 pixels (QCIF)
128 pixels (subQCIF)
FFh
DCLK
DOUT7∼0
00h
00h
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com