Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7219C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7219C/D
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7219C/D Datasheet HTML 8Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 9Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 10Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 11Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 12Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 13Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 14Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 15Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
12
______________________________________________________________________________________
AND2307SLC
ANODE DP
ANODE A
ANODE F
ANODE B
ANODE G
ANODE C
ANODE E
ANODE D
5
7
9
6
10
4
2
1N5524B
5.6V
±5%
3
88
SEG D
SEG E
SEG C
SEG G
SEG B
SEG F
SEG A
SEG DP
GND
NC1
NC2
IN1
*4.7k
Ω PULLUP REQUIRED FOR MAX7221
( ) MAX7221 ONLY
IN2
NO1
NO2
4
3
8
7
1
10
2
5
9
GND
DIN
LOAD (CS)
ISFT
V+
16
COM1
COM2
DIG 1
DIG 0
DATA IN
LOAD (CS)
CLOCK
CLK
4.7k
Ω
4.7k
Ω
-5V
5V
2
11
18
19
*
*
IRF540
30k
Ω
IRF540
23
21
20
17
16
15
14
22
4
9
1
12
13
CATHODE
ANODE DP
ANODE A
ANODE F
ANODE B
ANODE G
ANODE C
ANODE E
ANODE D
5
7
9
6
10
4
2
3
CATHODE
AND2307SLC
MAX7219
MAX7221
MAX394
0.1
µF
Figure 2. MAX7219/MAX7221 Driving 2.3in Displays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com