Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7219C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX7219C/D
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX7219C/D Datasheet HTML 8Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 9Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 10Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 11Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 12Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 13Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 14Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 15Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
14
______________________________________________________________________________________
Ordering Information (continued)
Chip Topography
PART
MAX7221CNG
MAX7221CWG
MAX7221C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 Wide SO
Dice*
MAX7221ENG
MAX7221EWG
MAX7221ERG
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Wide SO
24 Narrow CERDIP
*Dice are specified at TA = +25°C.
SEG F
SEG A
CLK
LOAD
OR
CS
DIG 1
DIG 5
GND
GND
DIG 7 DIG 3 DIG 2 DIG 6
0.093"
(2.36mm)
0.080"
(2.03mm)
SEG B
ISET
SEG E
SEG DP
SEG C
SEG G
DIG 4
DIG 0
DIN
DOUT
SEG D
TRANSISTOR COUNT: 5267
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com