Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-1250M-R3-SSC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T-11-1250M-R3-SSC
Description  1.25Gbps PIN-TIA Receiver Module-Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T-11-1250M-R3-SSC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T-11-1250M-R3-SSC Datasheet HTML 1Page - List of Unclassifed Manufacturers T-11-1250M-R3-SSC Datasheet HTML 2Page - List of Unclassifed Manufacturers T-11-1250M-R3-SSC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
T-11-1250M-R3-XXX-XX
1.25Gbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1555-APR1106
rev. A.0
LUMINENTOIC.COM
Pin Assignment
Packaging Dimension
Units in mm.
Functional Schematic
PD
GND
Imon
Vcc(+3.3V)
Dout
Dout
2~Vcc
4~Imon
5~Dout
3~GND(CASE)
Pin Assignment
1~Dout
Part Number: T-11-1250M-R3-XXX-XX
SC Receptacle
ST Receptacle
3/8"-24 UNF
metal
plastic
FC Receptacle
metal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com