Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-1250M-R3-SSC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T-11-1250M-R3-SSC
Description  1.25Gbps PIN-TIA Receiver Module-Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T-11-1250M-R3-SSC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T-11-1250M-R3-SSC Datasheet HTML 1Page - List of Unclassifed Manufacturers T-11-1250M-R3-SSC Datasheet HTML 2Page - List of Unclassifed Manufacturers T-11-1250M-R3-SSC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent's sole and absolute discretion.
Luminent warrants performance of its products to current specifications only in accordance with the company's standard one-year war-
ranty; however, specifications designated as “preliminary" are given to describe components only, and Luminent expressly disclaims
any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fit-
ness for a particular purpose, and non-infringement of proprietary rights.
Please refer to the company's Terms and Conditions of
Sale for further warranty information.
Luminent
assumes no liability for applications assistance, customer product design, software performance, or infringement of pat-
ents, services, or intellectual property described herein.
No license, either express or implied, is granted under any patent right,
copyright, or intellectual property right, and Luminent makes no representations or warranties that the product(s) described herein
are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons.
Luminent customers using
or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any
damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS.
Customer agrees that Luminent is not liable for any
actual, consequential, exemplary, or
other damages arising directly or indirectly from any use of the information contained in this
document.
Customer must contact Luminent to obtain the latest version of this publication to verify, before placing any order, that
the information contained herein is current.
© LuminentOIC, Inc. 2006
All rights reserved
Handling
Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment
is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
3
LUMNDS1555-APR1106
rev. A.0
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
T-11-1250M-R3-XXX-XX
1.25Gbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
Warnings
Legal Notice
Ordering Information
T-11-1250M-R3-XXX-XX
-/G5/GR
RoHS Compliant
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
Blank = RoHS non-compliant product
M = with 5 pinout
Voltage
FC/SC/ST
Fiber Application
M=MM 50/125µm
S=SM 9/125µm
Connector
3=3.3V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com