Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5330AF Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 22Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —21
TYPICAL PERFORMANCE
VCC = 5.0V, VDD = 5.0V, Ta = 25°C, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω, unless otherwise noted.
Figure 5. Gain and Group delay characteristics
(FCDATA = 0)
Frequency [MHz]
0
–60
–48
–36
–24
–12
0
12
0
30
60
90
120
150
180
10
20
30
40
50
Gain
Group delay
Figure 6. Gain and Group delay characteristics
(FCDATA = 63)
Frequency [MHz]
0
–60
–48
–36
–24
–12
0
12
0
30
60
90
120
150
180
10
20
30
40
50
Gain
Group delay
Figure 7. Gain and Group delay characteristics
(FCDATA = 128)
Frequency [MHz]
0
–60
–48
–36
–24
–12
0
12
0
30
60
90
120
150
180
10
20
30
40
50
Gain
Group delay
Figure 8. Gain and Group delay characteristics
(FCDATA = 191)
Frequency [MHz]
0
–60
–48
–36
–24
–12
0
12
0
30
60
90
120
150
180
20
40
60
80
100
Gain
Group delay
Figure 9. Gain vs. FCDATA
FCDATA = 191
FCDATA = 128
FCDATA = 63
FCDATA = 0
Frequency [MHz]
0
–60
–48
–36
–24
–12
0
12
1.0
10.0
100.0
Figure 10. Group delay vs. FCDATA
Frequency [MHz]
0
0
20
40
60
80
100
120
140
160
20
40
60
80
100
FCDATA = 0
FCDATA = 63
FCDATA = 128
FCDATA = 191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com