Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5330AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —13
Slave Address
The 7-bit slave address is selected using the ADS pin. When ADS = “L” the address is 48h, when ADS = “H”
the address is 49h, and when ADS = “Z” (open) the address is 4Ah. A maximum of three SM5330A devices
can be connected to one I2C BUS simultaneously, and controlled independently by setting the slave address of
each using the ADS pin.
Control Register
The SM5330A has a 5-byte control register.
The function of each byte in the control register is described in the following tables.
Sets the cutoff frequency. When FCM = “0” the filter is set to SD mode, and when FCM = “1” the filter is set to
HD mode. The relationship between the register value and the cutoff frequency is described in section “Low-
pass Filter”.
SLAVE ADDRESS for control register write
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
Description
Name
SLAVE ADDRESS
R/W
Value
10010000
90h
Indicate to write when device's slave
address is 48h (ADS = "L")
10010010
92h
Indicate to write when device's slave
address is 49h (ADS = "H")
10010100
94h
Indicate to write when device's slave
address is 4Ah (ADS = "Z")
SLAVE ADDRESS for status register read
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
Description
Name
SLAVE ADDRESS
R/W
Value
10010001
91h
Indicate to read when device's slave
address is 48h (ADS = "L")
10010011
93h
Indicate to read when device's slave
address is 49h (ADS = "H")
10010101
95h
Indicate to read when device's slave
address is 4Ah (ADS = "Z")
CONTROL REGISTER MAP
Addr.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Description
00h
FCM
−
FCSET
Filter fc setting
01h
IM1
IM2
IM3
IM4
Input mode setting
02h
−
INSEL
−−
I/O1
I/O0
Input switch select, I/O output control
03h
DAC0
DAC_0 output control
04h
DAC1
DAC_1 output control
SUB ADDRESS: 00h
− Filter fc setting
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
Description
Name
FCM
−
FCSET
default
00000000
00h
Value
0
Set filter to SD mode (default)
1
Set filter to HD mode
00
000000
00h
fc = 5.11MHz (default)
00
:
:
:
00
111111
3Fh
fc = 13.30MHz
10
000000
80h
fc = 15.61MHz
10
:
:
:
10
111111
BFh
fc = 40.27MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com