Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS404D
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404D Datasheet(HTML) 1 Page - STMicroelectronics

  LS404D Datasheet HTML 1Page - STMicroelectronics LS404D Datasheet HTML 2Page - STMicroelectronics LS404D Datasheet HTML 3Page - STMicroelectronics LS404D Datasheet HTML 4Page - STMicroelectronics LS404D Datasheet HTML 5Page - STMicroelectronics LS404D Datasheet HTML 6Page - STMicroelectronics LS404D Datasheet HTML 7Page - STMicroelectronics LS404D Datasheet HTML 8Page - STMicroelectronics LS404D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LS404
HIGH PERFORMANCE
QUAD OPERATIONAL AMPLIFIERS
December 1997
.
SINGLE OR SPLIT SUPPLY OPERATION
.
LOW POWER CONSUMPTION
.
SHORT CIRCUIT PROTECTION
.
LOW DISTORTION, LOW NOISE
.
HIGH GAIN-BANDWIDTH PRODUCT
.
HIGH CHANNEL SEPARATION
Inve rting Input 2
Non-inve rting Input 2
Non-inve rting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
O utput 3
O utput 4
Non-inverting Inp ut 4
Inverting Inp ut 4
Non-inverting Inp ut 3
Inverting Inp ut 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature Range
Package
ND
LS404C
0
oC, +70oC
••
LS404I
-40
oC, +105oC
•
ù
LS404M
-55
oC, +125oC
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
DESCRIPTION
The LS404 is a high performance quad operational
amplifier with frequency and phase compensation
built into the chip. The internal phase compensation
allows stable operation as voltage follower in spite
of its high Gain-Bandwidth Product.
The circuit presents very stable electrical charac-
teristics over the entire supply voltage range, and
it particularly intended for professional and telecom
applications (active filters, etc).
The patented input stage circuit allows small input
signal swings below the negative supply voltage
and prevents phase inversion when the inputs are
over drivers.
1/12


Similar Part No. - LS404D

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS404012M DIT-LS404012M Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS404012M DIT-LS404012M Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
LS404012N DIT-LS404012N Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
LS404024M DIT-LS404024M Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS404024M DIT-LS404024M Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
More results

Similar Description - LS404D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
High Performance, BiFET Operational Amplifiers
logo
Fairchild Semiconductor
RC4156 FAIRCHILD-RC4156 Datasheet
103Kb / 13P
High Performance Quad Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
18V High Performance Rail-to-Rail Quad Operational Amplifiers
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
High Performance Rail-to-Rail Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com