Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2932 Datasheet HTML 1Page - STMicroelectronics SD2932 Datasheet HTML 2Page - STMicroelectronics SD2932 Datasheet HTML 3Page - STMicroelectronics SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
SD2932
0
1020
3040
50
VDS, DRAIN-SOURCE VOLTAGE (V)
10
100
1000
10000
Ciss
Coss
Crss
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
T=-20 °C
T=+25 °C
T=+80 °C
Vds=10 V
-25
0
25
50
75
100
Tcase, CASE TEMPERATURE (°C)
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Id=.1 A
Id=.25 A
Id=1 A
Id=2 A
Id=4 A
Id=7 A
Id=5 A
Id=9 A
Id=10 A
Id=11 A
TYPICAL PERFORMANCE
Maximum Thermal Resistance vs. Case Temperature
25
30
35
40
45
50
55
60
65
70
75
80
85
Tc, CASE TEMPERATURE (°C)
0.34
0.36
0.38
0.4
0.42
Safe Operating Area
(1) Current in this area may be limited by Rds(on)
Two sides, each section equally loaded
1
10
100
1000
Vds, DRAIN SOURCE VOLTAGE (V)
1
10
100
(1)
Capacitance vs. Drain-Source Voltage
Drain Current vs. Gate Voltage
Gate Voltage vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com